Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4541 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC4541
Description  Power Amplifier Applications Power Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4541 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC4541 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4541 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4541 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4541 Datasheet HTML 4Page - Toshiba Semiconductor 2SC4541 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC4541
2004-07-07
3
Collector current IC (mA)
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
VBE (sat) – IC
Ta
= −25°C
25
100
Common emitter
IC/IB = 20
1
100
10
300
3
30
3
30
100
0.1
10
1
1000
3000
0.3
10
Common emitter
IC/IB = 20
0.01
Ta
= 100°C
25
−25
1
0.03
0.1
0.3
3
1
10
300
3
30
100
1000
3000
1
1000
10
300
3
300
Common emitter
VCE = 2 V
30
30
100
1
Ta
= 100°C
100
25
−25
10
1000
3000
3
0
5
1
0
Common emitter
Ta
= 25°C
3
IB = 5 mA
4
2
4
1
3
0
20
2
60
40
30
10
15
50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com