Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7217D Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7217D
Description  1.2V 600mA CMOS LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217D Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7217D Datasheet HTML 1Page - Diodes Incorporated AP7217D Datasheet HTML 2Page - Diodes Incorporated AP7217D Datasheet HTML 3Page - Diodes Incorporated AP7217D Datasheet HTML 4Page - Diodes Incorporated AP7217D Datasheet HTML 5Page - Diodes Incorporated AP7217D Datasheet HTML 6Page - Diodes Incorporated AP7217D Datasheet HTML 7Page - Diodes Incorporated AP7217D Datasheet HTML 8Page - Diodes Incorporated AP7217D Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP7217D
1.2V 600mA CMOS LDO
AP7217D Rev. 2
3 of 9
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
3
KV
ESD MM
Machine Model ESD Protection
450
V
VIN
Input Voltage
+6
V
PD
Power Dissipation @ TA=25 ºC (Note 3)
SOT89-3L
578
mW
TMJ
Maximum Junction Temperature
150
ºC
Notes:
3. Maximum PD is under minimum recommended pad layout condition.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.5
5.5
V
IOUT
Output Current
0
600
mA
TA
Operating Ambient Temperature
-40
85
ºC
TJ
Operating Junction Temperature
-40
125
ºC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com