Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7217D Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7217D
Description  1.2V 600mA CMOS LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217D Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7217D Datasheet HTML 1Page - Diodes Incorporated AP7217D Datasheet HTML 2Page - Diodes Incorporated AP7217D Datasheet HTML 3Page - Diodes Incorporated AP7217D Datasheet HTML 4Page - Diodes Incorporated AP7217D Datasheet HTML 5Page - Diodes Incorporated AP7217D Datasheet HTML 6Page - Diodes Incorporated AP7217D Datasheet HTML 7Page - Diodes Incorporated AP7217D Datasheet HTML 8Page - Diodes Incorporated AP7217D Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP7217D
1.2V 600mA CMOS LDO
AP7217D Rev. 2
4 of 9
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = 25°C, CIN = 1µF, COUT = 1µF, VIN=5V, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
IQ
Quiescent Current
IO = 0mA
-
40
60
μA
VOUT
Output Voltage
Accuracy
IO = 30mA
1.176
1.2
1.224
V
VOUT Temperature
Coefficient
-40
°C to 85°C, I
OUT = 30mA
-
±100
-
ppm /
oC
VDROPOUT
Dropout Voltage
IOUT = 600mA, VOUT = 1.2V
-
850
1300
mV
IOUT
Maximum Output
Current
600
-
-
mA
ILIMIT
Current Limit
-
850
-
mA
ISHORT
Short Circuit Current
-
200
-
mA
ΔV
LINE
Line Regulation
2.5V
≤ V
IN ≤ 5.5V; IOUT = 30mA
-
0.2
-
%/V
ΔV
LOAD
Load Regulation
(Note 4)
1mA
≤ I
OUT ≤ 300mA
15
35
mV
1mA
≤ I
OUT ≤ 600mA
30
55
mV
PSRR
Power Supply
Rejection
VIN = 4.3V+0.5Vp-pAC,
IOUT = 50mA
F = 1KHz
-
55
-
dB
Thermal Shutdown
Temperature
-
150
-
ºC
Thermal Shutdown
Hysteresis
-
30
-
ºC
θ
JA
Thermal Resistance
Junction-to-Ambient
SOT89-3L (Note 5)
-
173
-
ºC/W
θ
JC
Thermal Resistance
Junction-to-Case
SOT89-3L (Note 5)
-
51
-
ºC/W
Notes:
4. Regulation is measured at constant junction temperature by low duty cycle pulse testing.
5. Test condition for SOT89-3L: Devices mounted on FR-4 substrate, single sided PC board, 2oz copper, with minimum recommended pad layout,
no air flow.
Typical Application



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com