Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7335 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7335
Description  300mA, Low Quiescent Current, Fast Transient
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7335 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7335 Datasheet HTML 1Page - Diodes Incorporated AP7335 Datasheet HTML 2Page - Diodes Incorporated AP7335 Datasheet HTML 3Page - Diodes Incorporated AP7335 Datasheet HTML 4Page - Diodes Incorporated AP7335 Datasheet HTML 5Page - Diodes Incorporated AP7335 Datasheet HTML 6Page - Diodes Incorporated AP7335 Datasheet HTML 7Page - Diodes Incorporated AP7335 Datasheet HTML 8Page - Diodes Incorporated AP7335 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP7335
300mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7335
Document number: DS32259 Rev. 2 - 2
1 of 17
www.diodes.com
September 2010
© Diodes Incorporated
Description
The AP7335 is a 300mA, adjustable and fixed output voltage,
low dropout linear regulator. The device included pass
element, error amplifier, band-gap, current limit and thermal
shutdown circuitry. The device is turned on when EN pin is
set to logic high level.
The characteristics of low dropout voltage and low quiescent
current make it suitable for low power applications, for
example, battery powered devices. The typical quiescent
current is approximately 35
μA. Built-in current-limit and
thermal-shutdown functions prevent IC from damage in fault
conditions.
This device is available with adjustable output from 0.8V to
5.0V, and fixed version with 0.8V, 1.0V, 1.2V, 1.5V, 1.8V,
2.0V, 2.5V, 2.8V, 3.0V, 3.3V and 3.9V outputs. Please
contact your local sales office for any other voltage options.
The
AP7335
is
available
in
SOT25
and
DFN2020-6
packages.
Features
•
300mA Low Dropout Regulator with EN
•
Very low IQ: 35µA
•
Wide input voltage range: 2V to 6V
•
Wide adjustable output: 0.8V to 5.0V
•
Fixed output options: 0.8V to 3.9V (0.1V step size
possible)
•
High PSRR: 65dB at 1kHz
•
Fast start-up time: 220µs
•
Stable with low ESR, 1µF ceramic output capacitor
•
Excellent Load/Line Transient Response
•
Low dropout: 150mV at 300mA
•
Current limit and short circuit protection
•
Thermal shutdown protection
•
Ambient temperature range: -40ºC to 85°C
•
SOT25, and DFN2020-6: Available in “Green” Molding
Compound (No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Smart Phones
•
MP3/MP4
•
Battery-powered devices
•
Bluetooth headset
Pin Assignments
SOT25 (Fixed Output)
IN
EN
OUT
(Top View)
5
3
2
1
GND
NC
4
SOT25 (Adj Output)
IN
EN
ADJ
OUT
(Top View)
5
4
3
2
1
GND
GND
OUT
DFN2020-6 (Fixed Output)
(Top View)
4
IN
EN
NC
5
3
2
1
NC
6
GND
OUT
DFN2020-6 (Adj Output)
(Top View)
4
IN
EN
NC
5
3
2
1
ADJ
6
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP7335

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7335-08SNG-7 DIODES-AP7335-08SNG-7 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7335-08WG-7 DIODES-AP7335-08WG-7 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7335-10SNG-7 DIODES-AP7335-10SNG-7 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7335-10WG-7 DIODES-AP7335-10WG-7 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
More results

Similar Description - AP7335

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133 DIODES-AP133 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
AP7332 DIODES-AP7332 Datasheet
294Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35132 Rev. 1 - 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7333 Rev. 2
AP133 DIODES-AP133_09 Datasheet
415Kb / 15P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
AP133 Rev. 6
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1218FM-7 DIODES-AP7332-1218FM-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com