Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8801 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP8801
Description  500mA LED Step-down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8801 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP8801 Datasheet HTML 1Page - Diodes Incorporated AP8801 Datasheet HTML 2Page - Diodes Incorporated AP8801 Datasheet HTML 3Page - Diodes Incorporated AP8801 Datasheet HTML 4Page - Diodes Incorporated AP8801 Datasheet HTML 5Page - Diodes Incorporated AP8801 Datasheet HTML 6Page - Diodes Incorporated AP8801 Datasheet HTML 7Page - Diodes Incorporated AP8801 Datasheet HTML 8Page - Diodes Incorporated AP8801 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP8801
500mA LED Step-down Converter
AP8801 Rev. 4
1 of 11
DECEMBER 2009
DS31765
www.diodes.com
© Diodes Incorporated
•
LED driving current up to 500mA
•
Operating input voltage up to 48V
•
High efficiency up to 92%
•
High switching frequency up to 500kHz
•
PWM/DC input for dimming control
•
Built-in output open-circuit protection
•
SOP-8L and MSOP-8L are available in “Green”
Molding Compound (No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
The AP8801 is a step-down DC/DC converter designed to drive
LEDs with a constant current. The device can drive up to thirteen
LEDs, depending on the forward voltage of the LEDs, in series
from a voltage source of 8V to 48V. Series connection of the
LEDs provides identical LED currents resulting in uniform
brightness and eliminating the need for ballast resistors. The
AP8801 switches at frequency up to 500kHz.
This allows the
use of small size external components, hence minimizing the
PCB area needed.
Maximum output current of AP8801 is set via an external resistor
connected between the VIN and SET input pins.
Dimming is
achieved by applying either a DC voltage or a PWM signal at the
CTRL input pin.
An input voltage of 0.2V or lower at CTRL shuts
down the output at SW and puts the device into a low-current
standby state.
•
Commercial & industrial lighting
•
Small LCD panel backlight
•
Appliances interior lighting
•
Architecture Detail lighting
Typical Application Circuit
RSET = 0.43Ω
AP8801
L1 = 100μH
D1
VIN
SET
SW
CTRL
GND
C1 = 2.2μF
24V_DC
Figure 1:
Typical Application Circuit
Features
General Description
Applications


Similar Part No. - AP8801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8801 DIODES-AP8801 Datasheet
158Kb / 11P
500mA LED Step-Down Converter
AP8801 Rev. 1
AP8801EV1 DIODES-AP8801EV1 Datasheet
214Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
AP8801EV2 DIODES-AP8801EV2 Datasheet
177Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
AP8801M8G DIODES-AP8801M8G Datasheet
177Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
AP8801M8G-13 DIODES-AP8801M8G-13 Datasheet
158Kb / 11P
500mA LED Step-Down Converter
AP8801 Rev. 1
More results

Similar Description - AP8801

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
500mA Step-Down DC-DC Converter
logo
Advanced Analogic Techn...
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
500mA Step-Down Converter
AAT2120 ANALOGICTECH-AAT2120 Datasheet
1Mb / 20P
500mA Low Noise Step-Down Converter
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
2.5MHz 500mA Step-Down DC/DC Converter
AAT2120 ANALOGICTECH-AAT2120_08 Datasheet
684Kb / 19P
500mA Low Noise Step-Down Converter
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Diodes Incorporated
AP8801 DIODES-AP8801 Datasheet
158Kb / 11P
500mA LED Step-Down Converter
AP8801 Rev. 1
logo
Skyworks Solutions Inc.
AAT1120 SKYWORKS-AAT1120 Datasheet
960Kb / 19P
500mA Step-Down Converter
logo
Linear Technology
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
High Efficiency, 76V 500mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com