Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX339 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # APX339
Description  LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX339 Datasheet(HTML) 3 Page - Diodes Incorporated

  APX339 Datasheet HTML 1Page - Diodes Incorporated APX339 Datasheet HTML 2Page - Diodes Incorporated APX339 Datasheet HTML 3Page - Diodes Incorporated APX339 Datasheet HTML 4Page - Diodes Incorporated APX339 Datasheet HTML 5Page - Diodes Incorporated APX339 Datasheet HTML 6Page - Diodes Incorporated APX339 Datasheet HTML 7Page - Diodes Incorporated APX339 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
APX393/APX339
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
COMPARATORS
APX393/APX339 Rev. 5
3 of 8
FEBRUARY2008
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 2.7V, V- = 0V. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Test Conditions
Min
(Note 7)
Typ.
(Note 6)
Max
(Note 7)
Unit
VOS
Input Offset Voltage
1.7
7
mV
TCVOS
Input Offset Voltage
Average Drift
5
µV/°C
IB
Input Bias Current
10
250
400
nA
IOS
Input Offset Current
5
50
150
nA
VCM
Input Voltage Range
0.2
V
2.5
V
VSAT
Saturation Voltage
ISINK ≤ 1mA
200
mV
IO
Output Sink Current
VO ≤ 1.5V
5
20
mA
IS
Supply Current
APX393
Both Comparators
150
180
µA
APX339
All four Comparators
240
300
µA
Output Leakage Current
0.003
1
µA
2.7V AC Electrical Characteristics
TA = 25°C, V
+ = 2.7V, R
L = 5.1 kΩ, V
- = 0V.
Symbol
Parameter
Test Conditions
Min
(Note 7)
Typ.
(Note 6)
Max
(Note 7)
Unit
TPHL
Propagation Delay
(High to Low)
Input Overdrive = 10mV
700
ns
Input Overdrive = 100mV
150
ns
TPLH
Propagation Delay
(Low to High)
Input Overdrive = 10mV
500
ns
Input Overdrive = 100mV
200
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com