Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX339 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APX339
Description  LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX339 Datasheet(HTML) 4 Page - Diodes Incorporated

  APX339 Datasheet HTML 1Page - Diodes Incorporated APX339 Datasheet HTML 2Page - Diodes Incorporated APX339 Datasheet HTML 3Page - Diodes Incorporated APX339 Datasheet HTML 4Page - Diodes Incorporated APX339 Datasheet HTML 5Page - Diodes Incorporated APX339 Datasheet HTML 6Page - Diodes Incorporated APX339 Datasheet HTML 7Page - Diodes Incorporated APX339 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
APX393/APX339
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
COMPARATORS
APX393/APX339 Rev. 5
4 of 8
FEBRUARY2008
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(Continued)
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 5V, V- = 0V. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Test Conditions
Min
(Note 7)
Typ.
(Note 6)
Max
(Note 7)
Unit
VOS
Input Offset Voltage
1.7
7
9
mV
TCVOS
Input Offset Voltage
Average Drift
5
µV/°C
IB
Input Bias Current
25
250
400
nA
IOS
Input Offset Current
2
50
150
nA
VCM
Input Voltage Range
0.2
V
4.8
V
AV
Voltage Gain
RL = 5.1 kΩ
20
50
V/mV
VSAT
Saturation Voltage
ISINK ≤ 4mA
200
400
700
mV
IO (Sink) Output Sink Current
VO ≤ 1.5V
10
60
mA
IS
Supply Current
APX393
Both Comparators
150
180
250
µA
APX339
All four Comparators
240
300
350
µA
Output Leakage Current
.003
1
µA
θ
JA
Thermal Resistance
Junction-to -Ambient
MSOP-8L (Note 8)
203
°C/W
SOP-8L (Note 8)
150
°C/W
TSSOP-14L (Note 8)
100
°C/W
5V AC Electrical Characteristics
TA = 25°C, V
+ = 5V, R
L = 5.1 kΩ, V
- = 0V.
Symbol
Parameter
Test Conditions
Min
(Note 7)
Typ.
(Note 6)
Max
(Note 7)
Unit
TPHL
Propagation Delay
(High to Low)
Input Overdrive = 10mV
600
ns
Input Overdrive = 100mV
200
ns
TPLH
Propagation Delay
(Low to High)
Input Overdrive = 10mV
450
ns
Input Overdrive = 100mV
300
ns
Notes:
6. Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time
and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production
material.
7. All limits are guaranteed by testing or statistical analysis.
8. All numbers are typical, and apply for packages soldered directly onto a PC board in still air.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com