Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS177 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ATS177
Description  SINGLE OUTPUT HALL EFFECT LATCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS177 Datasheet(HTML) 2 Page - Diodes Incorporated

  ATS177 Datasheet HTML 1Page - Diodes Incorporated ATS177 Datasheet HTML 2Page - Diodes Incorporated ATS177 Datasheet HTML 3Page - Diodes Incorporated ATS177 Datasheet HTML 4Page - Diodes Incorporated ATS177 Datasheet HTML 5Page - Diodes Incorporated ATS177 Datasheet HTML 6Page - Diodes Incorporated ATS177 Datasheet HTML 7Page - Diodes Incorporated ATS177 Datasheet HTML 8Page - Diodes Incorporated ATS177 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ATS177
SINGLE OUTPUT HALL EFFECT LATCH
ATS177
Document number: DS31055 Rev. 6 - 2
2 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Pin Descriptions
Pin name
P/I/O
Pin #
Description
Vcc
P
1
Positive power supply
GND
P
2
Ground
DO
O
3
Digital output
Functional Block Diagram
Regulator
Hall
plate
Amp
2
GND
DO
3
2
Vcc
1
Absolute Maximum Ratings (TA = 25°C)
Symbol
Characteristics
Rating
Unit
VCC
Supply Voltage
20
V
VRCC
Reverse VCC Polarity Voltage
-20
V
B
Magnetic Flux Density
Unlimited
VCE
Output OFF Voltage
30
V
PD
Package Power Dissipation
SIP-3L
550
mW
IC
Output “ON” Current
Continuous
25
mA
TJ(MAX)
Maximum Junction Temperature
150
°C
TS
Storage Temperature Range
-65~+150
°C
Recommended Operating Conditions
Symbol
Characteristic
Conditions
Min
Max
Unit
VCC
Supply Voltage
Operating
3.5
20
V
TA
Operating Ambient Temperature
(Note 2)
Operating
-20
85
°C
Notes:
2. Shall not exceed PD and Safety Operation Area.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com