Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS177 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ATS177
Description  SINGLE OUTPUT HALL EFFECT LATCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS177 Datasheet(HTML) 4 Page - Diodes Incorporated

  ATS177 Datasheet HTML 1Page - Diodes Incorporated ATS177 Datasheet HTML 2Page - Diodes Incorporated ATS177 Datasheet HTML 3Page - Diodes Incorporated ATS177 Datasheet HTML 4Page - Diodes Incorporated ATS177 Datasheet HTML 5Page - Diodes Incorporated ATS177 Datasheet HTML 6Page - Diodes Incorporated ATS177 Datasheet HTML 7Page - Diodes Incorporated ATS177 Datasheet HTML 8Page - Diodes Incorporated ATS177 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ATS177
SINGLE OUTPUT HALL EFFECT LATCH
ATS177
Document number: DS31055 Rev. 6 - 2
4 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Magnetic Characteristics (TA = 25°C, Note 3)
(1mT=10 Gauss)
A grade
Symbol
Parameter
Min
Typ.
Max
Unit
Bops(south pole to brand side)
Operation Point
5
-
70
Gauss
Brps(south pole to brand side)
Release Point
-70
-
-5
Gauss
Bhy(|Bopx|-|Brpx|)
Hysteresis
-
80
-
Gauss
B grade
Symbol
Parameter
Min
Typ.
Max
Unit
Bops(south pole to brand side)
Operation Point
-
-
100
Gauss
Brps(south pole to brand side)
Release Point
-100
-
-
Gauss
Bhy(|Bopx|-|Brpx|)
Hysteresis
-
80
-
Gauss
Notes:
3. Magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
12
10
8
6
4
2
OP
ON
OFF
RP
-200
200
100
-100
0
Magnetic Flux Density in Gauss
DO
Vsat
Typical Magnetic Switch Point vs. Temperuture
-50
0
50
100
-20
25
80
100
Temperature (
o
C)
Bop
Brp
Bhys



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com