Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS40
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS40 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS40_08 Datasheet HTML 1Page - Diodes Incorporated BAS40_08 Datasheet HTML 2Page - Diodes Incorporated BAS40_08 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS40 /-04 /-05 /-06
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
•
Low Forward Voltage Drop
•
Fast Switching
•
PN Junction Guard Ring for Transient and ESD Protection
•
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 3 and 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
•
Polarity: See Diagrams Below
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.008 grams (approximate)
Top View
BAS40
BAS40-04
BAS40-05
BAS40-06
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current (Note 1)
IFM
200
mA
Forward Surge Current (Note 1)
@ t < 1.0s
IFSM
600
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
350
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
357
°C/W
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
40
⎯
⎯
V
IR = 10μA
Forward Voltage
VF
⎯
⎯
380
1000
mV
tp < 300μs, IF = 1.0mA
tp < 300μs, IF = 40mA
Reverse Leakage Current (Note 2)
IR
⎯
20
200
nA
tp < 300μs, VR = 30V
Total Capacitance
CT
⎯
4.0
5.0
pF
VR = 0V, f =1.0MHz
Reverse Recovery Time
trr
⎯
⎯
5.0
ns
IF = IR = 10mA to IR = 1.0mA,
RL = 100Ω
Notes:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead. Halogen and Antimony Free.
4. Product manufactured with Date Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code
V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
BAS40 /-04 /-05 /-06
Document number: DS11006 Rev. 21 - 2
1 of 3
www.diodes.com
July 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - BAS40_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS40-00 VISHAY-BAS40-00 Datasheet
81Kb / 3P
Small Signal Schottky Diodes, Single and Dual
25-Feb-13
BAS40-00 VISHAY-BAS40-00 Datasheet
92Kb / 4P
Small Signal Schottky Diodes, Single and Dual
13-Feb-18
BAS40-00-E3-08 VISHAY-BAS40-00-E3-08 Datasheet
81Kb / 3P
Small Signal Schottky Diodes, Single and Dual
25-Feb-13
BAS40-00-E3-18 VISHAY-BAS40-00-E3-18 Datasheet
81Kb / 3P
Small Signal Schottky Diodes, Single and Dual
25-Feb-13
BAS40-00-G VISHAY-BAS40-00-G Datasheet
89Kb / 3P
Small Signal Schottky Diodes, Single and Dual
25-Feb-13
More results

Similar Description - BAS40_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com