Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3000LLSL Datasheet(PDF) 1 Page - Sanken electric

Part # SI-3000LLSL
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000LLSL Datasheet(HTML) 1 Page - Sanken electric

  SI-3000LLSL Datasheet HTML 1Page - Sanken electric SI-3000LLSL Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24
ICs
1-1-1 Linear Regulator ICs
■Absolute Maximum Ratings
Unit
V
V
V
A
W
°C
°C
°C
°C/W
°C/W
Ratings
10
10
VIN
1.5
1.1
–30 to +125
–30 to +100
–30 to +125
36
100
Symbol
VIN
VB
VC
IO
PD*1
Tj
Top
Tstg
θ(j-L)
θ(j-a)*1
Parameter
DC Input Voltage
DC Bias Voltage
Output Control Terminal Voltage
DC Output Current
Power Dissipation
Junction Temperature
Operating Ambient Temperature
Storage Temperature
Thermal Resistance (Junction to Lead (Pin 8))
Thermal Resistance (Junction to Ambient Air)
*1: When mounted on glass-epoxy board of 40
× 40mm (copper laminate area 100%).
(Ta=25
°C)
■Features
•Low input voltage (1.3V) and low output
voltage (1.0V)
• Compact surface-mount package (SOP8)
•Low dropout voltage: VDIF
≤ 0.3V (at IO = 1.5A)
• Built-in overcurrent, input-overvoltage and
thermal protection circuits
• Built-in ON/OFF function (OFF state circuit
current: 1
µA max.)
• Compatible with low ESR capacitors
Parameter
Input Voltage
Bias Voltage
Output Current
Operating Ambient Temperature
Symbol
VIN
VB
IO
Top
Ratings
SI-3010LLSL
1.4 to 3.6*1
3.3 to 5.5
0 to 1.5*1
–20 to +85*1
Unit
V
V
A
°C
*1: VIN (max) and IO (max) are restricted by the relation PD = (VIN - VO)
× IO.
■Recommended Operating Conditions
Unit
V
mV
mV
V
µA
µA
mV/
°C
A
V
V
µA
µA
Parameter
Reference Voltage
Line Regulation
Load Regulation
Dropout Voltage
Quiescent Circuit Current
Circuit Current at Output OFF
Temperature Coefficient of
Output Voltage
Overcurrent Protection Starting
Current*1
Control Voltage (Output ON)*2
Control Voltage (Output OFF)
VC
Control Current (Output ON)
Terminal
Control Current (Output OFF)
Symbol
VADJ
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
VDIF
Conditions
Iq
Conditions
Iq (OFF)
Conditions
∆VO/∆Ta
Conditions
IS1
Conditions
VC, IH
VC, IL
IC, IH
Conditions
IC, IL
Conditions
■Electrical Characteristics
(Ta=25
°C, VC=2V, VIN=1.8V, VB=3.3V, VO=1.5V unless otherwise specified)
*1: IS1 is specified at the 5% drop point of output voltage VO on the condition that VIN = overcurrent protection starting current, IO = 10 mA.
*2: Output is OFF when the output control terminal (VC terminal) is open. Each input level is equivalent to LS-TTL level. Therefore, the device can be driven directly by LS-TTLs.
Ratings
SI-3010LLSL
min.
typ.
max.
0.980
1.000
1.020
IO=10mA
10
VIN=1.7 to 2.5V, IO=10mA
30
VIN=1.8V, IO=0 to 1.5A
0.3
IO=1.0A
500
800
IO=0A, R2=10k
Ω
1
VC=0V
±0.2
Tj=0 to 100
°C
1.6
VIN=1.8V, VB=3.3V
2
0.8
50
VC=2.7V
10
VC=0.4V
Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000LLSL Series
■Applications
• On-board local power supply
•For stabilization of the secondary-side output voltage of switching power supplies


Similar Part No. - SI-3000LLSL

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL_11 Datasheet
70Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Similar Description - SI-3000LLSL

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com