Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3000LLSL Datasheet(PDF) 2 Page - Sanken electric

Part # SI-3000LLSL
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000LLSL Datasheet(HTML) 2 Page - Sanken electric

  SI-3000LLSL Datasheet HTML 1Page - Sanken electric SI-3000LLSL Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
ICs
SI-3000LLSL Series
■External Dimensions (SOP8)
(unit : mm)
0.995max.
0.10
1.27
0.4±0.1
0.4±0.1
0.15+0.1
5.1±0.4
1.27
8765
1234
–0.05
0.12 M
Pin Assignment
q VO
w ADJ
e VB
r VC
t GND
y GND
u VIN
i VIN
Plastic Mold Package Type
Flammability: UL94V-0
Product Mass: Approx. 0.1g
■Typical Connection Diagram/Block Diagram
■Reference Data
CIN, CB: Input and bias capacitors (Approx. 0.1 to 10
µF)
Required when the input line contains inductance or when the
wiring is long.
CO: Output capacitor (47
µF or larger)
SI-3010LLSL is designed to use a low ESR capacitor (such as
a ceramic capacitor) for the output capacitor. The recom-
mended ESR value for an output capacitor is 500m
Ω or less
(at room temperature).
R1, R2: Output voltage setting resistors
The output voltage can be set by connecting R1 and R2 as
shown at left.
The recommended value for R2 is 10k
Ω.
R1= (VO–VADJ) / (VADJ/R2)
CSS: Soft start capacitor
The rising time of the output voltage can be set by connecting
CSS between VOUT and ADJ.
10
100
1000
Copper Laminate Area (mm2)
0
0.2
0.4
0.6
0.8
1
1.2
Ta=25
°C
Ta=50
°C
Ta=80
°C
REF
TSD
Drive
VIN
CIN
VB
VC
ON/OFF
Open:OFF
Low: OFF
High: ON
VOUT
CSS
CO
R1
R2
ADJ
GND
1
-
+
-
+
+
CB
R1
7
8
3
2
6
5
4
OCP
OCP(2)
AMP1
Copper Laminate Area - Power Dissipation



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com