Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3414 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3414
Description  1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3414 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3414 Datasheet HTML 7Page - National Semiconductor (TI) LM3414 Datasheet HTML 8Page - National Semiconductor (TI) LM3414 Datasheet HTML 9Page - National Semiconductor (TI) LM3414 Datasheet HTML 10Page - National Semiconductor (TI) LM3414 Datasheet HTML 11Page - National Semiconductor (TI) LM3414 Datasheet HTML 12Page - National Semiconductor (TI) LM3414 Datasheet HTML 13Page - National Semiconductor (TI) LM3414 Datasheet HTML 14Page - National Semiconductor (TI) LM3414 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Block Diagram
30124820
Operation Description
OVERVIEW
The LM3414/14HV is a high power floating buck LED driver
with wide input voltage ranges. It requires no external current
sensing elements and loop compensation networks. The in-
tegrated power N-MOSFET enables high output power with
up to 1000 mA output current. The combination of Pulse Width
Modulation (PWM) control architecture and the proprietary
Pulse Level Modulation (PLM) guarantees accurate current
regulation, good EMI performance and provides high flexibil-
ity on inductor selection. High speed dimming control input
allows precision and high resolution brightness control for ap-
plications require fine brightness adjustment.
Application Information
SETTING THE SWITCHING FREQUENCY
Both the LM3414 and LM3414HV are PWM LED drivers that
contain a clock generator to generate constant switching fre-
quency for the device. The switching frequency is determined
by the resistance of an external resistor R
FS in the range of
250 kHz to 1 MHz. Lower resistance of R
FS results in higher
switching frequency. The switching frequency of the
LM3414/14HV is governed by the following equation:
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com