Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3414 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3414
Description  1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3414 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3414 Datasheet HTML 9Page - National Semiconductor (TI) LM3414 Datasheet HTML 10Page - National Semiconductor (TI) LM3414 Datasheet HTML 11Page - National Semiconductor (TI) LM3414 Datasheet HTML 12Page - National Semiconductor (TI) LM3414 Datasheet HTML 13Page - National Semiconductor (TI) LM3414 Datasheet HTML 14Page - National Semiconductor (TI) LM3414 Datasheet HTML 15Page - National Semiconductor (TI) LM3414 Datasheet HTML 16Page - National Semiconductor (TI) LM3414 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
30124823
FIGURE 3. Waveforms of a Floating Buck LED Driver with PLM
INDUCTOR SELECTION
To
ensure
proper
output
current
regulation,
the
LM3414/14HV must operate in Continuous Conduction Mode
(CCM). With the incorporation of PLM, the peak-to-peak in-
ductor current ripple can be set as high as ±60% of the defined
average output current. The minimum inductance of the in-
ductor is decided by the defined average LED current and
allowable inductor current ripple. The minimum inductance
can be found by the equations shown in below:
Since:
Thus:
The LM3414/14HV can maintain LED current regulation with-
out output filter capacitor. This is because the inductor of the
floating buck structure provides continuous current to the LED
throughout the entire switching cycle. When LEDs are driven
without filter capacitor, the LED peak current must not set ex-
ceeding the rated current of the LED. The peak LED current
is governed by the following equation:
INTERNAL N_MOS POWER SWITCH
The LM3414/14HV features an integrated N-channel power
MOSFET that connects between the LX and GND pins for
power switching. With the switch turned ON, the resistance
across the LX and GND pins is 1.8
Ω maximum.
INTERNAL VCC REGULATOR
The LM3414/14HV features a 5.4V internal voltage regulator
that connects between the VIN and VCC pins for powering
internal circuitry and provide biases to external components.
The VCC pin must be bypassed to the GND pin with a 1µF
ceramic capacitor, C
VCC that connected to the pins as close
as possible. When the input voltage falls below 6V, the VCC
voltage will drop below 5.4V and decrease proportionally as
Vin decreases. The device will shutdown as the VCC voltage
falls below 3.9V. When the internal regulator is used to pro-
vide bias to external circuitry, it is essential to ensure the
current sinks from VCC pin does not exceed 2mA to maintain
correct voltage regulation.
CONTROL SCHEME
The main control circuitry of the LM3414/14HV is generally a
Pulse-Width-Modulated (PWM) controller with the incorpora-
tion of the Pulse-Level-Modulation (PLM) technology. PLM is
a technology that facilitates true output average current con-
trol without the need to sense the output current directly. In
the LM3414/LM3414HV, the PLM circuit senses the current
of the internal switch through an integrated current sensing
circuitry to realize average output current control. The use of
PLM reduces the power losses on current sensor as it needs
current information only when the switch is turned ON.
In general, the LED drivers with current sensing resistor at the
output, the power dissipation on the current sensing resistor
is I
LED
2 x R
ISNS, where ILED is the average output current and
R
ISNS is the resistance of the current sensing resistor. In the
LM3414/LM3414HV, because of the incorporation of PLM,
power dissipates on the R
ISNS only in ON period of the internal
power switch. The power loss on R
ISNS becomes ILED
2 x
R
ISNS x D, where D is the switching duty cycle. For example,
when the switching duty cycle, D of a converter is 0.5, the
power loss on R
ISNS with PLM is half of those with conven-
tional output current sensing.
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com