Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3464MH Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3464MH
Description  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464MH Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3464MH Datasheet HTML 1Page - National Semiconductor (TI) LM3464MH Datasheet HTML 2Page - National Semiconductor (TI) LM3464MH Datasheet HTML 3Page - National Semiconductor (TI) LM3464MH Datasheet HTML 4Page - National Semiconductor (TI) LM3464MH Datasheet HTML 5Page - National Semiconductor (TI) LM3464MH Datasheet HTML 6Page - National Semiconductor (TI) LM3464MH Datasheet HTML 7Page - National Semiconductor (TI) LM3464MH Datasheet HTML 8Page - National Semiconductor (TI) LM3464MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM3464/LM3464A
November 18, 2010
LED Driver with Dynamic Headroom Control and Thermal
Control Interfaces
General Description
The LM3464/64A is a 4-channel high voltage current regula-
tor that provides a simple solution for LED lighting applica-
tions. The LM3464/64A provides four individual current
regulator channels and works in conjunction with external N-
channel MOSFETs and sense resistors to give accurate driv-
ing current for every LED string. Additionally, the Dynamic
Headroom Control (DHC) output can be interfaced to the ex-
ternal power supply to adjust the LED supply voltage to the
lowest level that is adequate to maintain all the string currents
in regulation, yielding the optimal overall efficiency.
Digital PWM or analog voltage signals can be used to control
the duty cycle of the all the channels. When analog control is
used, the dimming frequency can be programmed via an ex-
ternal capacitor. A minimum duty cycle control is provided in
the conditions that the analog dimming is configured as ther-
mal feedback.
Protection features include VIN under-voltage lock-out, LED
open/short circuit and over-temperature fault signaling to the
system controller.
Features
■ Wide input voltage range
12V-80V (LM3464)
12V–95V (LM3464A)
■ Dynamic Headroom Control ensures maximum efficiency
■ 4 output channels with individual current regulation
■ High channel to channel accuracy
■ Digital PWM/Analog dimming control interface
■ Resistor programmable dimming frequency & minimum
duty cycle (analog dimming mode)
■ Direct interface to thermal sensor
■ Fault detection
■ Over temperature protection
■ Thermal shutdown
■ Under voltage lockout
■ Thermal enhanced eTSSOP-28 package
Applications
■ Streetlights
■ Solid State Lighting Solutions
Typical Application
30115001
© 2010 National Semiconductor Corporation
301150
www.national.com


Similar Part No. - LM3464MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3464MH/NOPB TI1-LM3464MH/NOPB Datasheet
1Mb / 33P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3464MH/NOPB TI2-LM3464MH/NOPB Datasheet
1Mb / 34P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
REVISED MAY 2013
LM3464MH/NOPB.A TI2-LM3464MH/NOPB.A Datasheet
1Mb / 34P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
REVISED MAY 2013
LM3464MHX/NOPB TI1-LM3464MHX/NOPB Datasheet
1Mb / 33P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3464MHX/NOPB TI2-LM3464MHX/NOPB Datasheet
1Mb / 34P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
REVISED MAY 2013
More results

Similar Description - LM3464MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3535 NSC-LM3535 Datasheet
734Kb / 26P
Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
LM3464 NSC-LM3464_1 Datasheet
2Mb / 12P
DHC 25W Reference Designs Dynamic Headroom Control (DHC)
logo
Texas Instruments
LM3463 TI1-LM3463 Datasheet
1Mb / 33P
Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3463 TI1-LM3463_12 Datasheet
1Mb / 40P
LM3463 Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3464 TI1-LM3464_14 Datasheet
1Mb / 30P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Intersil Corporation
ISL97686IRTZ INTERSIL-ISL97686IRTZ Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Texas Instruments
LM3464 TI1-LM3464 Datasheet
1Mb / 33P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Intersil Corporation
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Renesas Technology Corp
ISL97686 RENESAS-ISL97686 Datasheet
1Mb / 22P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
logo
List of Unclassifed Man...
CS1694 ETC1-CS1694 Datasheet
234Kb / 10P
Dynamic LED control/drive circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com