Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3464MH Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3464MH
Description  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464MH Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM3464MH Datasheet HTML 12Page - National Semiconductor (TI) LM3464MH Datasheet HTML 13Page - National Semiconductor (TI) LM3464MH Datasheet HTML 14Page - National Semiconductor (TI) LM3464MH Datasheet HTML 15Page - National Semiconductor (TI) LM3464MH Datasheet HTML 16Page - National Semiconductor (TI) LM3464MH Datasheet HTML 17Page - National Semiconductor (TI) LM3464MH Datasheet HTML 18Page - National Semiconductor (TI) LM3464MH Datasheet HTML 19Page - National Semiconductor (TI) LM3464MH Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LM3464/64A. This function is applicable to both single
LM3464/64A and cascade operation modes.
EXPANDING NUMBER OF OUTPUT CHANNEL
The LM3464/64A can be cascaded to expand the number of
output channel. Bases on the master-slave architecture, one
of the LM3464/64A in the system must be set to master mode
and the rest must be set to slave mode. Figure 15 shows an
example application circuit that provides eight output chan-
nels.
To enable cascade operation, the SYNC pin of the master
LM3464/64A should connect to the DIM pin of the first slave
device and similarly the SYNC pin of such slave device should
connect to its down stream slave device for startup synchro-
nization. In addition, the OutP pins of all the LM3464/64A
have to tie up though a diode and resistor R
DHC to the voltage
feedback node of the primary power supply to accomplish
dynamic headroom control, as shown in Figure 15.
The slave devices can only be commanded by the master
LM3464/64A. With the master and slave devices linked up,
the information of startup synchronization, thermal foldback
and PWM dimming controls are gathered by the master de-
vice and distribute stage by stage through the SYNC pin.
To set a LM3464/64A in master mode, the voltage of the
VLedFB pin must be set below 3.25V. When the VLedFB pin
is connected to VCC, the device is in slave mode. In slave
mode, local thermal foldback and PWM controls are overrid-
den by the packaged synchronization signal delivered from
the master.
CONNECTION TO LED ARRAYS
When LEDs are connected to the LM3464/64A driver stage
through long cables, the parasitic components of the cable
harness and external MOSFETs may resonant and eventu-
ally lead to unstable system operation. In applications that the
cables between the LM3464/64A driver circuit and LED light
engine are longer than 1 meter, a 4.7k
Ω resistor should be
added across the GDx pins to GND as shown in Figure 12.
30115043
FIGURE 12. Additional Resistor Across GDx and SEx for
Cable Harness Over 1m Long
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com