Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5246B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMSZ5246B
Description  500mW SURFACE MOUNT ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSZ5246B Datasheet(HTML) 4 Page - Diodes Incorporated

  MMSZ5246B Datasheet HTML 1Page - Diodes Incorporated MMSZ5246B Datasheet HTML 2Page - Diodes Incorporated MMSZ5246B Datasheet HTML 3Page - Diodes Incorporated MMSZ5246B Datasheet HTML 4Page - Diodes Incorporated MMSZ5246B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMSZ5221B - MMSZ5259B
Document number: DS18010 Rev. 23 - 2
4 of 5
www.diodes.com
May 2009
© Diodes Incorporated
MMSZ5221B - MMSZ5259B
Package Outline Dimensions
Suggested Pad Layout
SOD-123
Dim
Min
Max
A
0.55 Typ
B
1.40
1.70
C
3.55
3.85
H
2.55
2.85
J
0.00
0.10
K
1.00
1.35
L
0.25
0.40
M
0.10
0.15
α
0
8°
All Dimensions in mm
Dimensions
Value (in mm)
Z
4.9
G
2.5
X
0.7
Y
1.2
C
3.7
K
L
M
C
H
B
A
Z
X
C
G
Y



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com