Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5246B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMSZ5246B
Description  500mW SURFACE MOUNT ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSZ5246B Datasheet(HTML) 1 Page - Diodes Incorporated

  MMSZ5246B Datasheet HTML 1Page - Diodes Incorporated MMSZ5246B Datasheet HTML 2Page - Diodes Incorporated MMSZ5246B Datasheet HTML 3Page - Diodes Incorporated MMSZ5246B Datasheet HTML 4Page - Diodes Incorporated MMSZ5246B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMSZ5221B - MMSZ5259B
Document number: DS18010 Rev. 23 - 2
1 of 5
www.diodes.com
May 2009
© Diodes Incorporated
MMSZ5221B - MMSZ5259B
500mW SURFACE MOUNT ZENER DIODE
Features
•
500mW Power Dissipation
•
General Purpose, Medium Current
•
Ideally Suited for Automated Assembly Processes
•
Lead, Halogen and Antimony Free, RoHS Compliant (Note 3)
•
"Green" Device (Note 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOD-123
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Polarity: Cathode Band
•
Ordering Information: See Page 3
•
Marking Information: See Page 3
•
Weight: 0.01 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1) @TL = 75°C
PD
500
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
350
°C/W
Thermal Resistance, Junction to Lead (Note 2)
RθJL
150
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
1. Device mounted on FR-4 substrate, single-sided, PC boards, with minimum recommended pad layout.
2. Thermal Resistance measurement obtained via infrared scan method.
3. No purposefully added lead. Halogen and Antimony Free.
4. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Top View
Please click here to visit our online spice models database.


Similar Part No. - MMSZ5246B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5246B PANJIT-MMSZ5246B Datasheet
82Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Fairchild Semiconductor
MMSZ5246B FAIRCHILD-MMSZ5246B Datasheet
158Kb / 5P
5% TOLERANCE
logo
Diodes Incorporated
MMSZ5246B DIODES-MMSZ5246B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Micro Commercial Compon...
MMSZ5246B MCC-MMSZ5246B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
logo
Diotec Semiconductor
MMSZ5246B DIOTEC-MMSZ5246B Datasheet
54Kb / 2P
Surface mount Zener Diodes
More results

Similar Description - MMSZ5246B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
Won-Top Electronics
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS31652 Rev. 4 - 2
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 13.2.2003
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 27
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com