Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ601G Datasheet(PDF) 2 Page - Diodes Incorporated

Part # KBJ601G
Description  6.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

KBJ601G Datasheet(HTML) 2 Page - Diodes Incorporated

  KBJ601G Datasheet HTML 1Page - Diodes Incorporated KBJ601G Datasheet HTML 2Page - Diodes Incorporated KBJ601G Datasheet HTML 3Page - Diodes Incorporated KBJ601G Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KBJ6005G - KBJ610G
Document number: DS21207 Rev. 9 - 2
2 of 4
www.diodes.com
June 2009
© Diodes Incorporated
KBJ6005G - KBJ610G
0
1
2
3
4
5
6
25
50
75
100
125
150
T , CASE TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
C
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 150°C
j
T = 25°C
j
0
40
80
120
160
180
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Surge Current
10
100
1,000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Total Capacitance, Per Element
R
0.1
1.0
10
100
1,000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com