Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ601G Datasheet(PDF) 3 Page - Diodes Incorporated

Part # KBJ601G
Description  6.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

KBJ601G Datasheet(HTML) 3 Page - Diodes Incorporated

  KBJ601G Datasheet HTML 1Page - Diodes Incorporated KBJ601G Datasheet HTML 2Page - Diodes Incorporated KBJ601G Datasheet HTML 3Page - Diodes Incorporated KBJ601G Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KBJ6005G - KBJ610G
Document number: DS21207 Rev. 9 - 2
3 of 4
www.diodes.com
June 2009
© Diodes Incorporated
KBJ6005G - KBJ610G
Ordering Information (Note 5)
Part Number
Case
Packaging
KBJ6005G
KBJ
20/Tube
KBJ601G
KBJ
20/Tube
KBJ602G
KBJ
20/Tube
KBJ604G
KBJ
20/Tube
KBJ606G
KBJ
20/Tube
KBJ608G
KBJ
20/Tube
KBJ610G
KBJ
20/Tube
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Package Outline Dimensions
KBJ
Dim
Min
Max
A
24.80
25.20
B
14.70
15.30
C
3.90
4.10
D
17.20
17.80
E
0.90
1.10
G
7.30
7.70
H
3.10
∅
3.40
∅
J
3.30
3.70
K
1.50
1.90
L
9.30
9.70
M
2.50
2.90
N
3.40
3.80
O
3.0 x 45
°
P
4.40
4.80
R
0.60
0.80
All Dimensions in mm
_
A
B
D
J
K
C
E
G
H
L
M
N
P
R
O



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com