Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L152C4U6 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM8L152C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4U6 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM8L152C4U6 Datasheet HTML 84Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 85Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 86Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 87Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 88Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 89Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 90Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 91Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 122 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
88/122
Doc ID 15962 Rev 5
Output driving current
Subject to general operating conditions for VDD and TA unless otherwise specified.
Table 37.
Output driving current (standard ports)
I/O
Type
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
1.
The IIO current sunk must always respect the absolute maximum rating specified in Table 15 and the sum
of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for an I/O pin
IIO = +2 mA,
VDD = 3.0 V
0.45
V
IIO = +2 mA,
VDD = 1.8 V
0.45
V
IIO = +10 mA,
VDD = 3.0 V
0.7
V
VOH
(2)
2.
The IIO current sourced must always respect the absolute maximum rating specified in Table 15 and the
sum of IIO (I/O ports and control pins) must not exceed IVDD.
Output high level voltage for an I/O pin
IIO = -2 mA,
VDD = 3.0 V
VDD-0.45
V
IIO = -1 mA,
VDD = 1.8 V
VDD-0.45
V
IIO = -10 mA,
VDD = 3.0 V
VDD-0.7
V
Table 38.
Output driving current (true open drain ports)
I/O
Type
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
1.
The IIO current sunk must always respect the absolute maximum rating specified in Table 15 and the sum
of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for an I/O pin
IIO = +3 mA,
VDD = 3.0 V
0.45
V
IIO = +1 mA,
VDD = 1.8 V
0.45
Table 39.
Output driving current (PA0 with high sink LED driver capability)
I/O
Type
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
1.
The IIO current sunk must always respect the absolute maximum rating specified in Table 15 and the sum
of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for an I/O pin
IIO = +20 mA,
VDD = 2.0 V
0.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com