Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L152C4U6 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM8L152C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4U6 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM8L152C4U6 Datasheet HTML 45Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 46Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 47Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 48Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 49Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 50Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 51Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 52Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
STM8L151xx, STM8L152xx
Memory and register map
Doc ID 15962 Rev 5
49/122
0x00 534E
ADC1
ADC1_TRIGR1
ADC1 trigger disable 1
0x00
0x00 534F
ADC1_TRIGR2
ADC1 trigger disable 2
0x00
0x00 5350
ADC1_TRIGR3
ADC1 trigger disable 3
0x00
0x00 5351
ADC1_TRIGR4
ADC1 trigger disable 4
0x00
0x00 5352 to
0x00 537F
Reserved area (46 bytes)
0x00 5380
DAC
DAC_CR1
DAC control register 1
0x00
0x00 5381
DAC_CR2
DAC control register 2
0x00
0x00 5382
to 0x00 5383
Reserved area (2 bytes)
0x00 5384
DAC_SWTRIGR
DAC software trigger register
0x00
0x00 5385
DAC_SR
DAC status register
0x00
0x00 5386 to
0x00 5387
Reserved area (2 bytes)
0x00 5388
DAC_RDHRH
DAC right aligned data holding register
high
0x00
0x00 5389
DAC_RDHRL
DAC right aligned data holding register low
0x00
0x00 538A to
0x00 538B
Reserved area (2 bytes)
0x00 538C
DAC_LDHRH
DAC left aligned data holding register high
0x00
0x00 538D
DAC_LDHRL
DAC left aligned data holding register low
0x00
0x00 538E
to 0x00 538F
Reserved area (2 bytes)
0x00 5390
DAC_DHR8
DAC 8-bit data holding register
0x00
0x00 5391 to
0x00 53AB
Reserved area (27 bytes)
0x00 53AC
DAC_DORH
DAC data output register high
0x00
0x00 53AD
DAC_DORL
DAC data output register low
0x00
0x00 53AE to
0x00 53FF
Reserved area (82 bytes)
Table 8.
General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com