Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST4124 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMST4124
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST4124 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMST4124_09 Datasheet HTML 1Page - Diodes Incorporated MMST4124_09 Datasheet HTML 2Page - Diodes Incorporated MMST4124_09 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMST4124
Document number: DS30163 Rev. 9 - 2
1 of 3
www.diodes.com
January 2009
© Diodes Incorporated
MMST4124
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary PNP Type Available (MMST4126)
•
Ideal for Medium Power Amplification and Switching
•
Ultra-Small Surface Mount Package
•
Lead Free/RoHS Compliant (Note 2)
•
"Green" Device (Notes 3 and 4)
Mechanical Data
•
Case: SOT-323
•
Case Material: Molded Plastic, "Green" Molding Compound,
Note 4. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminal Connections: See Diagram
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating) Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.006 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current - Continuous (Note 1)
IC
200
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
625
οC/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
V(BR)CBO
30
⎯
V
IC = 10μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
25
⎯
V
IC = 1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5.0
⎯
V
IE = 10μA, IC = 0
Collector Cutoff Current
ICBO
⎯
50
nA
VCB = 20V, IE = 0V
Emitter Cutoff Current
IEBO
⎯
50
nA
VEB = 3.0V, IC = 0V
ON CHARACTERISTICS (Note 5)
DC Current Gain
hFE
120
60
360
⎯
⎯
IC = 2.0mA, VCE = 1.0V
IC = 50mA, VCE = 1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
0.30
V
IC = 50mA, IB = 5.0mA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
0.95
V
IC = 50mA, IB = 5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
⎯
4.0
pF
VCB = 5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
⎯
8.0
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Small Signal Current Gain
hfe
120
480
⎯
VCE = 1.0V, IC = 2.0mA,
f = 1.0kHz
Current Gain-Bandwidth Product
fT
300
⎯
MHz
VCE = 20V, IC = 10mA,
f = 100MHz
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. Short duration pulse test used to minimize self-heating effect.
Top View
Device Schematic
E
B
C
Please click here to visit our online spice models database.


Similar Part No. - MMST4124_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST4124-7-F DIODES-MMST4124-7-F Datasheet
205Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30163 Rev. 7 - 2
MMST4124-7-F DIODES-MMST4124-7-F Datasheet
296Kb / 7P
25V NPN SMALL SIGNAL TRANSISTOR
Rev 10
MMST4124 DIODES-MMST4124_1 Datasheet
205Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30163 Rev. 7 - 2
MMST4124 DIODES-MMST4124_15 Datasheet
80Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 9
MMST4124 DIODES-MMST4124_16 Datasheet
296Kb / 7P
25V NPN SMALL SIGNAL TRANSISTOR
Rev 10
More results

Similar Description - MMST4124_09

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
2DC4617Q DIODES-2DC4617Q Datasheet
46Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30252 Rev. 4 - 2
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
MMBT2222AT DIODES-MMBT2222AT_1 Datasheet
172Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 8 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com