Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST4124 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMST4124
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST4124 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMST4124_09 Datasheet HTML 1Page - Diodes Incorporated MMST4124_09 Datasheet HTML 2Page - Diodes Incorporated MMST4124_09 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMST4124
Document number: DS30163 Rev. 9 - 2
2 of 3
www.diodes.com
January 2009
© Diodes Incorporated
MMST4124
0
50
100
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Dissipation vs.
Ambient Temperature (Note 1)
A
150
200
250
300
350
400
0
1
10
1,000
100
0.1
1
10
1,000
100
I , COLLECTOR CURRENT (mA)
Fig. 2 Typical DC Current Gain vs.
Collector Current
C
0.01
0.1
1
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 3 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
C
0.1
1
10
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 4 Typical Base-Emitter Saturation Voltage
vs. Collector Current
C
0
5
15
10
0.1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 5 Typical Capacitance Characteristics
R
Cibo
C
obo
f = 1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com