Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # IMX8
Description  DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

IMX8 Datasheet(HTML) 1 Page - Diodes Incorporated

  IMX8 Datasheet HTML 1Page - Diodes Incorporated IMX8 Datasheet HTML 2Page - Diodes Incorporated IMX8 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IMX8
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary PNP Type Available (IMT4)
•
Small Surface Mount Package
•
Lead Free/RoHS Compliant (Note 3)
•
"Green" Device, Note 4 and 5
Mechanical Data
•
Case: SOT-26
•
Case Material: Molded Plastic, "Green" Molding
Compound, Note 5. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminal Connections: See Diagram
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over
Copper leadframe).
•
Marking Information: KX8, See Page 3
•
Ordering & Date Code Information: See Page 3
•
Weight: 0.016 grams (approximate)
SOT-26
Dim
Min
Max
Typ
A
0.35
0.50
0.38
B
1.50
1.70
1.60
C
2.70
3.00
2.80
D
⎯
⎯
0.95
F
⎯
⎯
0.55
H
2.90
3.10
3.00
J
0.013
0.10
0.05
K
1.00
1.30
1.10
L
0.35
0.55
0.40
M
0.10
0.20
0.15
α
0
°
8
°
⎯
All Dimens ons in mm
i
A
M
J
L
D
F
B C
H
K
B
2
B
1
E
1
C
2
E
2
C
1
B
2
B
1
E
1
C
2
E
2
C
1
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current - Continuous
IC
50
mA
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
417
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Base Breakdown Voltage
V(BR)CBO
120
⎯
⎯
V
IC = 50μA
Collector-Emitter Breakdown Voltage
V(BR)CEO
120
⎯
⎯
V
IC = 1.0mA
Emitter-Base Breakdown Voltage
V(BR)EBO
5.0
⎯
⎯
V
IE = 50μA
Collector Cutoff Current
ICBO
⎯
⎯
0.5
μA
VCB = 100V
Emitter Cutoff Current
IEBO
⎯
⎯
0.5
μA
VEB = 4.0V
ON CHARACTERISTICS (Note 2)
DC Current Gain
hFE
180
⎯
820
⎯
IC = 2.0mA, VCE = 6.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
⎯
0.5
V
IC = 10mA, IB = 1.0mA
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
⎯
140
⎯
MHz
VCE = 12V, IC = 2.0mA,
f = 100MHz
Notes:
1. Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes Inc. suggested pad layout AP02001, which can be found on our
website at http://www.diodes.com/datasheets/ap02001.pdf. 200mW per element must not be exceeded.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30304 Rev. 8 - 2
1 of 3
www.diodes.com
IMX8
© Diodes Incorporated


Similar Part No. - IMX8

ManufacturerPart #DatasheetDescription
logo
Rohm
IMX8 ROHM-IMX8 Datasheet
54Kb / 1P
General purpose (dual transistors)
logo
Diodes Incorporated
IMX8 DIODES-IMX8 Datasheet
43Kb / 2P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30304 Rev. A-2
logo
Rohm
IMX8 ROHM-IMX8 Datasheet
66Kb / 3P
General purpose (dual transistors)
logo
Diodes Incorporated
IMX8 DIODES-IMX8 Datasheet
452Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30304 Rev. 7 - 2
IMX8-7 DIODES-IMX8-7 Datasheet
43Kb / 2P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30304 Rev. A-2
More results

Similar Description - IMX8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3904 DIODES-MMDT3904 Datasheet
60Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 7 - 2
MMDT4124 DIODES-MMDT4124 Datasheet
46Kb / 2P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30164 Rev. C-1
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
MMDT3904 DIODES-MMDT3904_1 Datasheet
121Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 11 - 2
MMDT4401 DIODES-MMDT4401_08 Datasheet
178Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 13 - 2
BC847BVC DIODES-BC847BVC_09 Datasheet
110Kb / 4P
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30638 Rev. 5 - 2
MMDT4124 DIODES-MMDT4124_15 Datasheet
79Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
MMDT4401 DIODES-MMDT4401_15 Datasheet
178Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 13
IMX8 DIODES-IMX8_15 Datasheet
125Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 8
MMDT3904VC DIODES-MMDT3904VC_15 Datasheet
450Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com