Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # IMX8
Description  DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

IMX8 Datasheet(HTML) 2 Page - Diodes Incorporated

  IMX8 Datasheet HTML 1Page - Diodes Incorporated IMX8 Datasheet HTML 2Page - Diodes Incorporated IMX8 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
50
100
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Max Power Dissipation vs.
Ambient Temperature
A
150
200
250
300
350
0
0
100
200
300
1.0
10.0
100
I
COLLECTOR CURRENT (mA)
Fig. 2 Typical DC Current Gain vs. Collector Current
C,
400
500
600
T = 25 C
A
°
T = -25 C
A
°
T = 75 C
A
°
0.1
1.0
100
10.0
00.9
DS30304 Rev. 8 - 2
2 of 3
www.diodes.com
IMX8
© Diodes Incorporated
0.8
0.7
0.6
0.1
0.2
0.3
0.4
0.5
V
, BASE-EMITTER VOLTAGE (V)
Fig. 3 Typical Collector Current vs.
Base-Emitter Voltage
BE(ON)
0.010
0.100
1.0
1
10
100
1,000
T = 25 C
A
°
T = -25 C
A
°
T= 75 C
A
°
I , COLLECTOR CURRENT (mA)
Fig. 4 Typical Collector-Emitter Voltage
vs. Collector Current
C
T = 150 C
A
°
T = -50 C
A
°
T = 25 C
A
°
1
10
1,000
100
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 5 Typical Gain Bandwidth Product
vs. Collector Current
C
V
= 5 Volts
CE
0
0
1
2
3
4
5
6
0.5
1.5
1
2
2.5
3.5
34
45
.5
V
, COLLECTOR-EMITTER VOLTAGE (V)
Fig. 6 Typical Collector Current vs.
Collector-Emitter Voltage
CE
I = 16µA
B
I = 1µA
B
4
I = 1µA
B
2
I = 1µA
B
0
I = µA
B
8
I = µA
B
6
I = µA
B
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com