Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7466BRT-R Datasheet(PDF) 12 Page - Analog Devices

Part # AD7466BRT-R
Description  1.6 V, Micropower 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7466BRT-R Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7466BRT-R Datasheet HTML 8Page - Analog Devices AD7466BRT-R Datasheet HTML 9Page - Analog Devices AD7466BRT-R Datasheet HTML 10Page - Analog Devices AD7466BRT-R Datasheet HTML 11Page - Analog Devices AD7466BRT-R Datasheet HTML 12Page - Analog Devices AD7466BRT-R Datasheet HTML 13Page - Analog Devices AD7466BRT-R Datasheet HTML 14Page - Analog Devices AD7466BRT-R Datasheet HTML 15Page - Analog Devices AD7466BRT-R Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7466/AD7467/AD7468
Rev. C | Page 12 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
6
5
4
1
2
3
VDD
GND
VIN
SDATA
SCLK
TOP VIEW
(Not to Scale)
AD7466/
AD7467/
AD7468
CS
Figure 4. SOT-23 Pin Configuration
8
7
6
5
1
2
3
4
NC = NO CONNECT
SDATA
GND
VIN
NC
NC
SCLK
VDD
TOP VIEW
(Not to Scale)

AD7466/

AD7467/
AD7468
CS
Figure 5. MSOP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
SOT-23
MSOP
Mnemonic
Description
6
1
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the
devices and frames the serial data transfer.
1
8
VDD
Power Supply Input. The VDD range for the devices is from 1.6 V to 3.6 V.
2
7
GND
Analog Ground. Ground reference point for all circuitry on the devices. All analog input signals should
be referred to this GND voltage.
3
6
VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to VDD.
5
2
SDATA
Data Out. Logic output. The conversion result from the AD7466/AD7467/AD7468 is provided on this
output as a serial data stream. The bits are clocked out on the falling edge of the SCLK input. The data
stream from the AD7466 consists of four leading zeros followed by the 12 bits of conversion data,
provided MSB first. The data stream from the AD7467 consists of four leading zeros followed by the 10
bits of conversion data, provided MSB first. The data stream from the AD7468 consists of four leading
zeros followed by the 8 bits of conversion data, provided MSB first.
4
3
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the parts. This clock
input is also used as the clock source for the conversion process of the parts.
4, 5
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com