Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7466BRT-R Datasheet(PDF) 3 Page - Analog Devices

Part # AD7466BRT-R
Description  1.6 V, Micropower 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7466BRT-R Datasheet(HTML) 3 Page - Analog Devices

  AD7466BRT-R Datasheet HTML 1Page - Analog Devices AD7466BRT-R Datasheet HTML 2Page - Analog Devices AD7466BRT-R Datasheet HTML 3Page - Analog Devices AD7466BRT-R Datasheet HTML 4Page - Analog Devices AD7466BRT-R Datasheet HTML 5Page - Analog Devices AD7466BRT-R Datasheet HTML 6Page - Analog Devices AD7466BRT-R Datasheet HTML 7Page - Analog Devices AD7466BRT-R Datasheet HTML 8Page - Analog Devices AD7466BRT-R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7466/AD7467/AD7468
Rev. C | Page 3 of 28
SPECIFICATIONS
AD7466
VDD = 1.6 V to 3.6 V, fSCLK = 3.4 MHz, fSAMPLE = 100 kSPS, unless otherwise noted. TA = TMIN to TMAX, unless otherwise noted.
The temperature range for the B version is −40°C to +85°C.
Table 1.
Parameter
B Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 30 kHz sine wave
Signal-to-Noise and Distortion (SINAD)
69
dB min
1.8 V ≤ VDD ≤ 2 V; see the Terminology section
70
dB min
2.5 V ≤ VDD ≤ 3.6 V
70
dB typ
VDD = 1.6 V
Signal-to-Noise Ratio (SNR)
70
dB min
1.8 V ≤ VDD ≤ 2 V; see the Terminology section
71
dB typ
1.8 V ≤ VDD ≤ 2 V
71
dB min
2.5 V ≤ VDD ≤ 3.6 V
70.5
dB typ
VDD = 1.6 V
Total Harmonic Distortion (THD)
−83
dB typ
See the Terminology section
Peak Harmonic or Spurious Noise (SFDR)
−85
dB typ
See the Terminology section
Intermodulation Distortion (IMD)
fa = 29.1 kHz, fb = 29.9 kHz; see the Terminology
section
Second-Order Terms
−84
dB typ
Third-Order Terms
−86
dB typ
Aperture Delay
10
ns typ
Aperture Jitter
40
ps typ
Full Power Bandwidth
3.2
MHz typ
@ 3 dB, 2.5 V ≤ VDD ≤ 3.6 V
1.9
MHz typ
@ 3 dB, 1.6 V ≤ VDD ≤ 2.2 V
750
kHz typ
@ 0.1 dB, 2.5 V ≤ VDD ≤ 3.6 V
450
kHz typ
@ 0.1 dB, 1.6 V ≤ VDD ≤ 2.2 V
DC ACCURACY
Maximum specifications apply as typical figures when
VDD = 1.6 V
Resolution
12
Bits
Integral Nonlinearity
±1.5
LSB max
See the Terminology section
Differential Nonlinearity
−0.9/+1.5
LSB max
Guaranteed no missed codes to 12 bits; see the
Terminology section
Offset Error
±1
LSB max
See the Terminology section
Gain Error
±1
LSB max
See the Terminology section
Total Unadjusted Error (TUE)
±2
LSB max
See the Terminology section
ANALOG INPUT
Input Voltage Ranges
0 to VDD
V
DC Leakage Current
±1
μA max
Input Capacitance
20
pF typ
LOGIC INPUTS
Input High Voltage, VINH
0.7 × VDD
V min
1.6 V ≤ VDD < 2.7 V
2
V min
2.7 V ≤ VDD ≤ 3.6 V
Input Low Voltage, VINL
0.2 × VDD
V max
1.6 V ≤ VDD < 1.8 V
0.3 × VDD
V max
1.8 V ≤ VDD < 2.7 V
0.8
V max
2.7 V ≤ VDD ≤ 3.6 V
Input Current, IIN, SCLK Pin
±1
μA max
Typically 20 nA, VIN = 0 V or VDD
Input Current, IIN, CS Pin
±1
μA typ
Input Capacitance, CIN
10
pF max
Sample tested at 25°C to ensure compliance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com