Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7466BRTZ-R Datasheet(PDF) 4 Page - Analog Devices

Part # AD7466BRTZ-R
Description  1.6 V, Micropower 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7466BRTZ-R Datasheet(HTML) 4 Page - Analog Devices

  AD7466BRTZ-R Datasheet HTML 1Page - Analog Devices AD7466BRTZ-R Datasheet HTML 2Page - Analog Devices AD7466BRTZ-R Datasheet HTML 3Page - Analog Devices AD7466BRTZ-R Datasheet HTML 4Page - Analog Devices AD7466BRTZ-R Datasheet HTML 5Page - Analog Devices AD7466BRTZ-R Datasheet HTML 6Page - Analog Devices AD7466BRTZ-R Datasheet HTML 7Page - Analog Devices AD7466BRTZ-R Datasheet HTML 8Page - Analog Devices AD7466BRTZ-R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7466/AD7467/AD7468
Rev. C | Page 4 of 28
Parameter
B Version
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage, VOH
VDD − 0.2
V min
ISOURCE = 200 μA, VDD = 1.6 V to 3.6 V
Output Low Voltage, VOL
0.2
V max
ISINK = 200 μA
Floating-State Leakage Current
±1
μA max
Floating-State Output Capacitance
10
pF max
Output Coding
Straight (natural)
binary
CONVERSION RATE
Conversion Time
4.70
μs max
16 SCLK cycles with SCLK at 3.4 MHz
Throughput Rate
200
kSPS max
See the Serial Interface section
POWER REQUIREMENTS
VDD
1.6/3.6
V min/max
IDD
Digital inputs = 0 V or VDD
Normal Mode (Operational)
300
μA max
VDD = 3 V, fSAMPLE = 100 kSPS
110
μA typ
VDD = 3 V, fSAMPLE = 50 kSPS
20
μA typ
VDD = 3 V, fSAMPLE = 10 kSPS
240
μA max
VDD = 2.5 V, fSAMPLE = 100 kSPS
80
μA typ
VDD = 2.5 V, fSAMPLE = 50 kSPS
16
μA typ
VDD = 2.5 V, fSAMPLE = 10 kSPS
165
μA max
VDD = 1.8 V, fSAMPLE = 100 kSPS
50
μA typ
VDD = 1.8 V, fSAMPLE = 50 kSPS
10
μA typ
VDD = 1.8 V, fSAMPLE = 10 kSPS
Power-Down Mode
0.1
μA max
SCLK on or off, typically 8 nA
Power Dissipation
See the Power Consumption section
Normal Mode (Operational)
0.9
mW max
VDD = 3 V, fSAMPLE = 100 kSPS
0.6
mW max
VDD = 2.5 V, fSAMPLE = 100 kSPS
0.3
mW max
VDD = 1.8 V, fSAMPLE = 100 kSPS
Power-Down Mode
0.3
μW max
VDD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com