Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7466BRTZ-R Datasheet(PDF) 20 Page - Analog Devices

Part # AD7466BRTZ-R
Description  1.6 V, Micropower 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7466BRTZ-R Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7466BRTZ-R Datasheet HTML 16Page - Analog Devices AD7466BRTZ-R Datasheet HTML 17Page - Analog Devices AD7466BRTZ-R Datasheet HTML 18Page - Analog Devices AD7466BRTZ-R Datasheet HTML 19Page - Analog Devices AD7466BRTZ-R Datasheet HTML 20Page - Analog Devices AD7466BRTZ-R Datasheet HTML 21Page - Analog Devices AD7466BRTZ-R Datasheet HTML 22Page - Analog Devices AD7466BRTZ-R Datasheet HTML 23Page - Analog Devices AD7466BRTZ-R Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7466/AD7467/AD7468
Rev. C | Page 20 of 28
POWER CONSUMPTION
The AD7466/AD7467/AD7468 automatically enter power-
down mode at the end of each conversion or if CS is brought
high before the conversion is finished.
When the AD7466/AD7467/AD7468 are in power-down mode,
all the analog circuitry is powered down and the current con-
sumption is typically 8 nA.
To achieve the lowest power dissipation, there are some
considerations the user should keep in mind.
The conversion time is determined by the serial clock
frequency; the faster the SCLK frequency, the shorter the
conversion time. This implies that as the frequency increases,
the part dissipates power for a shorter period of time when the
conversion is taking place, and it remains in power-down mode
for a longer percentage of the cycle time or throughput rate.
Figure 26 shows two AD7466s running with two different
SCLK frequencies, SCLK A and SCLK B, with SCLK A having
the higher SCLK frequency. For the same throughput rate, the
AD7466 using SCLK A has a shorter conversion time than the
AD7466 using SCLK B, and it remains in power-down mode
longer. The current consumption in power-down mode is very
low; thus, the average power consumption is greatly reduced.
This reduced power consumption can be seen in Figure 25,
which shows the supply current vs. SCLK frequency for various
supply voltages at a throughput rate of 100 kSPS. For a fixed
throughput rate, the supply current (average current) drops as
the SCLK frequency increases because the part is in power-
down mode most of the time. It can also be seen that, for a
lower supply voltage, the supply current drops accordingly.
390
360
330
300
270
240
210
180
150
120
90
60
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
SCLK FREQUENCY (MHz)
fSAMPLE = 100kSPS
TEMP = 25
°C
VDD = 3.6V
VDD = 3.0V
VDD = 2.2V
VDD = 2.7V
VDD = 1.8V
VDD = 1.6V
Figure 25. Supply Current vs. SCLK Frequency
for a Fixed Throughput Rate and Different Supply Voltages
SCLK B
SCLK A
116
116
CONVERSION TIME A
CONVERSION TIME B
1/THROUGHPUT
CS
Figure 26. Conversion Time Comparison for Different SCLK Frequencies and a Fixed Throughput Rate
POWER DOWN TIME B
1/THROUGHPUT B
1/THROUGHPUT A
POWER DOWN TIME A
CONVERSION TIME A
CONVERSION TIME B
CS A
SCLK
CS B
116
Figure 27. Conversion Time vs. Power-Down Time for a Fixed SCLK Frequency and Different Throughput Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com