Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7467BRT-R Datasheet(PDF) 1 Page - Analog Devices

Part # AD7467BRT-R
Description  1.6 V, Micropower 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7467BRT-R Datasheet(HTML) 1 Page - Analog Devices

  AD7467BRT-R Datasheet HTML 1Page - Analog Devices AD7467BRT-R Datasheet HTML 2Page - Analog Devices AD7467BRT-R Datasheet HTML 3Page - Analog Devices AD7467BRT-R Datasheet HTML 4Page - Analog Devices AD7467BRT-R Datasheet HTML 5Page - Analog Devices AD7467BRT-R Datasheet HTML 6Page - Analog Devices AD7467BRT-R Datasheet HTML 7Page - Analog Devices AD7467BRT-R Datasheet HTML 8Page - Analog Devices AD7467BRT-R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1.6 V, Micropower 12-/10-/8-Bit ADCs
AD7466/AD7467/AD7468
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Specified for VDD of 1.6 V to 3.6 V
Low power:
0.62 mW typical at 100 kSPS with 3 V supplies
0.48 mW typical at 50 kSPS with 3.6 V supplies
0.12 mW typical at 100 kSPS with 1.6 V supplies
Fast throughput rate: 200 kSPS
Wide input bandwidth:
71 dB SNR at 30 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface:
SPI/QSPI™/MICROWIRE™/DSP compatible
Automatic power-down
Power-down mode: 8 nA typical
6-lead SOT-23 package
8-lead MSOP package
APPLICATIONS
Battery-powered systems
Medical instruments
Remote data acquisition
Isolated data acquisition
FUNCTIONAL BLOCK DIAGRAM
AD7466/AD7467/AD7468
12-/10-/8-BIT
SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC
GND
VDD
VIN
SCLK
SDATA
T/H
CS
Figure 1.
GENERAL DESCRIPTION
The AD7466/AD7467/AD74681 are 12-/10-/8-bit, high speed,
low power, successive approximation analog-to-digital
converters (ADCs), respectively. The parts operate from a single
1.6 V to 3.6 V power supply and feature throughput rates up to
200 kSPS with low power dissipation. The parts contain a low
noise, wide bandwidth track-and-hold amplifier, which can
handle input frequencies in excess of 3 MHz.
The conversion process and data acquisition are controlled
using CS and the serial clock, allowing the devices to interface
with microprocessors or DSPs. The input signal is sampled on
the falling edge of CS, and the conversion is also initiated at this
point. There are no pipeline delays associated with the part.
The reference for the part is taken internally from VDD. This
allows the widest dynamic input range to the ADC. Thus, the
analog input range for the part is 0 V to VDD. The conversion
rate is determined by the SCLK.
1 Protected by U.S. Patent No. 6,681,332.
PRODUCT HIGHLIGHTS
1.
Specified for supply voltages of 1.6 V to 3.6 V.
2.
12-, 10-, and 8-bit ADCs in SOT-23 and MSOP packages.
3.
High throughput rate with low power consumption.
Power consumption in normal mode of operation at
100 kSPS and 3 V is 0.9 mW maximum.
4.
Flexible power/serial clock speed management.
The conversion rate is determined by the serial clock,
allowing the conversion time to be reduced through
increases in the serial clock speed. Automatic power-down
after conversion allows the average power consumption to
be reduced when in power-down. Current consumption is
0.1 μA maximum and 8 nA typically when in power-down.
5.
Reference derived from the power supply.
6.
No pipeline delay.
7.
The part features a standard successive approximation
ADC with accurate control of conversions via a CS input.


Similar Part No. - AD7467BRT-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7467BRT AD-AD7467BRT Datasheet
171Kb / 15P
1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
More results

Similar Description - AD7467BRT-R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1850 LINER-LTC1850 Datasheet
283Kb / 28P
8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1863L LINER-LTC1863L Datasheet
234Kb / 16P
Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Linear Dimensions Semic...
LTC1863LIGNPBF LINEAR_DIMENSIONS-LTC1863LIGNPBF Datasheet
239Kb / 16P
Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
AD7466 AD-AD7466_15 Datasheet
677Kb / 29P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7467 AD-AD7467_15 Datasheet
677Kb / 29P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468 AD-AD7468_15 Datasheet
677Kb / 29P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
logo
Linear Technology
LTC1863L LINER-LTC1863L_15 Datasheet
426Kb / 16P
Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
LTC1867L LINER-LTC1867L_15 Datasheet
426Kb / 16P
Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com