Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7467BRT-R Datasheet(PDF) 10 Page - Analog Devices

Part # AD7467BRT-R
Description  1.6 V, Micropower 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7467BRT-R Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7467BRT-R Datasheet HTML 6Page - Analog Devices AD7467BRT-R Datasheet HTML 7Page - Analog Devices AD7467BRT-R Datasheet HTML 8Page - Analog Devices AD7467BRT-R Datasheet HTML 9Page - Analog Devices AD7467BRT-R Datasheet HTML 10Page - Analog Devices AD7467BRT-R Datasheet HTML 11Page - Analog Devices AD7467BRT-R Datasheet HTML 12Page - Analog Devices AD7467BRT-R Datasheet HTML 13Page - Analog Devices AD7467BRT-R Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7466/AD7467/AD7468
Rev. C | Page 10 of 28
TIMING EXAMPLES
Figure 3 shows some of the timing parameters from Table 4 in
the Timing Specifications section.
Timing Example 1
As shown in Figure 3, fSCLK = 3.4 MHz and a throughput of
100 kSPS gives a cycle time of tCONVERT + t8 + tQUIET = 10 μs.
Assuming VDD = 1.8 V, tCONVERT = t2 + 15(1/fSCLK) = 55 ns +
4.41 μs = 4.46 μs, and t8 = 60 ns maximum, then tQUIET = 5.48 μs,
which satisfies the requirement of 10 ns for tQUIET. The part is
fully powered up and the signal is fully acquired at Point A.
This means that the acquisition/power-up time is t2 + 2(1/fSCLK)
= 55 ns + 588 ns = 643 ns, satisfying the maximum requirement
of 640 ns for the power-up time.
Timing Example 2
The AD7466 can also operate with slower clock frequencies.
As shown in Figure 3, assuming VDD = 1.8 V, fSCLK = 2 MHz,
and a throughput of 50 kSPS gives a cycle time of tCONVERT + t8 +
tQUIET = 20 μs. With tCONVERT = t2 + 15(1/fSCLK) = 55 ns + 7.5 μs =
7.55 μs, and t8 = 60 ns maximum, this leaves tQUIET to be 12.39
μs, which satisfies the requirement of 10 ns for tQUIET. The part is
fully powered up and the signal is fully acquired at Point A,
which means the acquisition/power-up time is t2 + 2(1/fSCLK) =
55 ns + 1 μs = 1.05 μs, satisfying the maximum requirement of
640 ns for the power-up time. In this example and with other
slower clock values, the part is fully powered up and the signal
already acquired before the third SCLK falling edge; however,
the track-and-hold does not go into hold mode until that point.
In this example, the part can be powered up and the signal can
be fully acquired at approximately Point B in Figure 3.
SCLK
t2
tCONVERT
B
A
t8
tQUIET
1/THROUGHPUT
AUTOMATIC
POWER-DOWN
TRACK-AND-HOLD IN HOLD
TRACK-AND-HOLD
IN TRACK
ACQUISITION TIME
POINT A: THE PART IF FULLY POWERED UP WITH VIN FULLY ACQUIRED.
1
2
3
CS
4
5
13
14
15
16
Figure 3. AD7466 Serial Interface Timing Diagram Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com