Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7468BRT-R Datasheet(PDF) 27 Page - Analog Devices

Part # AD7468BRT-R
Description  1.6 V, Micropower 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7468BRT-R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7468BRT-R Datasheet HTML 20Page - Analog Devices AD7468BRT-R Datasheet HTML 21Page - Analog Devices AD7468BRT-R Datasheet HTML 22Page - Analog Devices AD7468BRT-R Datasheet HTML 23Page - Analog Devices AD7468BRT-R Datasheet HTML 24Page - Analog Devices AD7468BRT-R Datasheet HTML 25Page - Analog Devices AD7468BRT-R Datasheet HTML 26Page - Analog Devices AD7468BRT-R Datasheet HTML 27Page - Analog Devices AD7468BRT-R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD7466/AD7467/AD7468
Rev. C | Page 27 of 28
ORDERING GUIDE
Model
Temperature Range
Linearity Error (LSB)1
Package Description
Package Option
Branding
AD7466BRT-REEL7
−40°C to +85°C
±1.5 max
6-Lead SOT-23
RJ-6
CLB
AD7466BRT-R2
−40°C to +85°C
±1.5 max
6-Lead SOT-23
RJ-6
CLB
AD7466BRTZ-REEL2
−40°C to +85°C
±1.5 max
6-Lead SOT-23
RJ-6
C2T
AD7466BRTZ-REEL72
−40°C to +85°C
±1.5 max
6-Lead SOT-23
RJ-6
C2T
AD7466BRTZ-R22
−40°C to +85°C
±1.5 max
6-Lead SOT-23
RJ-6
C2T
AD7466BRM
−40°C to +85°C
±1.5 max
8-Lead MSOP
RM-8
CLB
AD7466BRM-REEL
−40°C to +85°C
±1.5 max
8-Lead MSOP
RM-8
CLB
AD7466BRM-REEL7
−40°C to +85°C
±1.5 max
8-Lead MSOP
RM-8
CLB
AD7466BRMZ2
−40°C to +85°C
±1.5 max
8-Lead MSOP
RM-8
CLB#
AD7466BRMZ-REEL2
−40°C to +85°C
±1.5 max
8-Lead MSOP
RM-8
CLB#
AD7466BRMZ-REEL72
−40°C to +85°C
±1.5 max
8-Lead MSOP
RM-8
CLB#
AD7467BRT-REEL
−40°C to +85°C
±0.5 max
6-Lead SOT-23
RJ-6
CMB
AD7467BRT-REEL7
−40°C to +85°C
±0.5 max
6-Lead SOT-23
RJ-6
CMB
AD7467BRT-R2
−40°C to +85°C
±0.5 max
6-Lead SOT-23
RJ-6
CMB
AD7467BRTZ-REEL2
−40°C to +85°C
±0.5 max
6-Lead SOT-23
RJ-6
CMB#
AD7467BRTZ-REEL72
−40°C to +85°C
±0.5 max
6-Lead SOT-23
RJ-6
CMB#
AD7467BRTZ-R22
−40°C to +85°C
±0.5 max
6-Lead SOT-23
RJ-6
CMB#
AD7467BRM
−40°C to +85°C
±0.5 max
8-Lead MSOP
RM-8
CMB
AD7467BRM-REEL
−40°C to +85°C
±0.5 max
8-Lead MSOP
RM-8
CMB
AD7467BRM-REEL7
−40°C to +85°C
±0.5 max
8-Lead MSOP
RM-8
CMB
AD7467BRMZ2
−40°C to +85°C
±0.5 max
8-Lead MSOP
RM-8
CMU
AD7468BRT-REEL
−40°C to +85°C
±0.2 max
6-Lead SOT-23
RJ-6
CNB
AD7468BRT-REEL7
−40°C to +85°C
±0.2 max
6-Lead SOT-23
RJ-6
CNB
AD7468BRT-R2
−40°C to +85°C
±0.2 max
6-Lead SOT-23
RJ-6
CNB
AD7468BRTZ-REEL2
−40°C to +85°C
±0.2 max
6-Lead SOT-23
RJ-6
CNU#
AD7468BRTZ-REEL72
−40°C to +85°C
±0.2 max
6-Lead SOT-23
RJ-6
CNU#
AD7468BRM
−40°C to +85°C
±0.2 max
8-Lead MSOP
RM-8
CNB
AD7468BRM-REEL
−40°C to +85°C
±0.2 max
8-Lead MSOP
RM-8
CNB
AD7468BRM-REEL7
−40°C to +85°C
±0.2 max
8-Lead MSOP
RM-8
CNB
AD7468BRMZ2
−40°C to +85°C
±0.2 max
8-Lead MSOP
RM-8
CNU#
AD7468BRMZ-REEL2
−40°C to +85°C
±0.2 max
8-Lead MSOP
RM-8
CNU#
AD7468BRMZ-REEL72
−40°C to +85°C
±0.2 max
8-Lead MSOP
RM-8
CNU#
EVAL-AD7466CB3
Evaluation Board
EVAL-AD7467CB3
Evaluation Board
EVAL-CONTROL BRD24
Control Board
1 Linearity error refers to integral nonlinearity.
2 Z = RoHS Compliant Part, # denotes lead-free product may be top or bottom marked.
3 This can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BRD2 for evaluation/demonstration purposes.
4 This board is a complete unit that allows a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designator. For a complete
evaluation kit, order a particular ADC evaluation board (such as EVAL-AD7466CB), the EVAL-CONTROL BRD2, and a 12 V ac transformer. See relevant evaluation board
data sheets for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com