Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDR5G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDR5G
Description  5A GLASS PASSIVATED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDR5G Datasheet(HTML) 1 Page - Diodes Incorporated

  PDR5G Datasheet HTML 1Page - Diodes Incorporated PDR5G Datasheet HTML 2Page - Diodes Incorporated PDR5G Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS30552 Rev. 6 - 2
1 of 3
PDR5G
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
ã Diodes Incorporated
PDR5G
5A GLASS PASSIVATED RECTIFIER
PowerDI ä5
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Mechanical Data
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
400
V
RMS Reverse Voltage
VR(RMS)
283
V
Average Rectified Output Current (See also figure 4)
IO
5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
100
A
Maximum Ratings @ TA = 25°C unless otherwise specified
E
E1
b1
A
A2
A2
D
b2
b1
e
L1
L1
E
b1
D
b2
b1
e
D2
L
E2
L1
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
W
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RqJS
¾
1.5
°
C/W
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
75
¾
°
C/W
Thermal Resistance Junction to Ambient Air (Note 3)
RqJA
65
¾
°
C/W
Thermal Resistance Junction to Ambient Air (Note 4)
RqJA
45
¾
°
C/W
Operating Temperature Range
Tj
¾
-65 to +150
°
C
Storage Temperature Range
TSTG
¾
-65 to +150
°
C
Notes:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf. TA = 25°C
3. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf. TA = 25°C
4. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4 mm x 7.2 mm. Anode pad dimensions 2.7 mm x 1.6 mm. TA = 25°C
Thermal Characteristics
·
Glass Passivated Die Construction
·
Low Leakage Current
·
Lead Free Finish, RoHS Compliant (Note 1)
·
"Green" Molding Compound (No Br, Sb)
·
Qualified to AEC-Q101 Standards for High Reliability
·
Case: PowerDI
ä5
·
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Marking: See Page 3
·
Weight: 0.096 grams (approximate)
PowerDIä5
Dim
Min
Max
A
1.05
1.15
A2
0.33
0.43
b1
0.80
0.99
b2
1.70
1.88
D
3.90
4.05
D2
3.05 NOM
E
6.40
6.60
e
1.84 NOM
E1
5.30
5.45
E2
3.55 NOM
L
0.75
0.95
L1
0.50
0.65
W
1.20
1.50
All Dimensions in mm


Similar Part No. - PDR5G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDR5G DIODES-PDR5G Datasheet
87Kb / 3P
5A GLASS PASSIVATED RECTIFIER
DS30552 Rev. 5 - 2
PDR5G-13 DIODES-PDR5G-13 Datasheet
87Kb / 3P
5A GLASS PASSIVATED RECTIFIER
DS30552 Rev. 5 - 2
More results

Similar Description - PDR5G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDR5G DIODES-PDR5G Datasheet
87Kb / 3P
5A GLASS PASSIVATED RECTIFIER
DS30552 Rev. 5 - 2
logo
Frontier Electronics.
SF50-005G FRONTIER-SF50-005G Datasheet
128Kb / 2P
5A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDR5K-13 DIODES-PDR5K-13 Datasheet
213Kb / 5P
5A GLASS PASSIVATED RECTIFIER
Rev 2
logo
Zibo Seno Electronic En...
HER501G ZSELEC-HER501G Datasheet
110Kb / 2P
5A GLASS PASSIVATED ULTRAFAST DIODE
logo
Diodes Incorporated
PDR5KF DIODES-PDR5KF Datasheet
555Kb / 6P
5A GLASS PASSIVATED FAST RECOVERY RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
UF500G ZSELEC-UF500G Datasheet
87Kb / 2P
5A GLASS PASSIVATED ULTRAFAST DIODE
UG5001 ZSELEC-UG5001 Datasheet
84Kb / 2P
5A GLASS PASSIVATED ULTRAFAST DIODE
logo
SHIKUES Electronics
SLBF5M SKTECHNOLGY-SLBF5M Datasheet
272Kb / 3P
5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ35A ZSELEC-GBJ35A Datasheet
176Kb / 2P
3 5A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ35A ZSELEC-KBJ35A Datasheet
176Kb / 2P
3 5A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com