Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDR5G Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDR5G
Description  5A GLASS PASSIVATED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDR5G Datasheet(HTML) 2 Page - Diodes Incorporated

  PDR5G Datasheet HTML 1Page - Diodes Incorporated PDR5G Datasheet HTML 2Page - Diodes Incorporated PDR5G Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30552 Rev. 6 - 2
2 of 3
PDR5G
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Characteristics
10
1
100
0
0.2
0.4
0.6
0.8
1.0
1.2
100m
1m
10m
T = 25°C
j
T = 85°C
j
T = 150°C
j
T = -65°C
j
0
80
160
240
400
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
320
10n
100n
1n
T = +25°C
j
T = +85°C
j
T = +150°C
j
T = +125°C
j
T = -65°C
j
V , REVERSE VOLTAGE (V)
R
Fig. 3 Typical Total Capacitance vs. Reverse Voltage
0
25
50
75
100
0
5
10
15
20
25
30
f = 1 MHz
0
1.5
3.0
4.5
7.5
6.0
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
Fig. 4 DC Forward Current Derating
Note 2
Note 6
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
400
¾
¾
V
IR = 10mA
Forward Voltage
VF
¾
0.92
1.15
V
IF = 5A, TS = 25°C
Reverse Leakage Current (Note 5)
IR
¾
¾
0.02
9
10
250
m
A
TS = 25°C, VR = 400V
TS = 125°C, VR = 400V
Reverse Recovery Time
trr
¾
3.3
¾
m
s
IF = 0.5A, IR = 1.0A,
Irr = 0.25A
Notes:
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf. TA = 25°C
3. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf. TA = 25°C
4. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4 mm x 7.2 mm. Anode pad dimensions 2.7 mm x 1.6 mm. TA = 25°C
5. Short duration test pulse used to minimize self-heating effect.
6. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 18.8mm x 14.4mm. Anode pad dimensions 5.6mm x 3.0mm.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com