Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847CDLP-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC847CDLP-7
Description  NPN DUAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847CDLP-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BC847CDLP-7 Datasheet HTML 1Page - Diodes Incorporated BC847CDLP-7 Datasheet HTML 2Page - Diodes Incorporated BC847CDLP-7 Datasheet HTML 3Page - Diodes Incorporated BC847CDLP-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30817 Rev. 6 - 2
1 of 4
www.diodes.com
BC847CDLP
© Diodes Incorporated
BC847CDLP
NPN DUAL SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Ideally Suited for Automated Assembly Processes
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Ultra Low Profile Package
Mechanical Data
•
Case: DFN1310H4-6
•
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating
94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish
⎯ NiPdAu annealed over Copper
leadframe (Lead Free Plating). Solderable per MIL-
STD-202, Method 208
•
Marking Code Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.0015g (approximate)
* Dimensions D, K, L, N Repeat 4X
** Dimensions E, M, Z Repeat 2X
DFN1310H4-6
Dim
Min
Max
Typ
A
1.25
1.38
1.30
B
0.95
1.08
1.00
C
0.20
0.30
0.25
D*
-
-
0.10
E**
-
-
0.20
G
-
0.40
-
H
0
0.05
0.02
K*
0.10
0.20
0.15
L*
0.30
0.50
0.40
M**
-
-
0.35
N*
-
-
0.25
Z**
-
-
0.05
All Dimensions in mm
Maximum Ratings @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
100
mA
Power Dissipation (Note 3)
Pd
350
mW
Thermal Resistance, Junction to Ambient (Note 3)
RθJA
357
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB pad layout as shown on page 4.
4. Radiused pad feature is intended for device manufacturing control and should not be considered as a polarity indicator, or to suggest orientation of
the devices in the carrier tape.
C
B
B
E
E
C
Internal Schematic
(TOP VIEW)
Bottom View
Side View
G
H
B
K
E
C
D
Top View
A
L
L
N
M
N
C
E
B
C
E
B
D
Z
Z
R0.1
50
Note
4


Similar Part No. - BC847CDLP-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847CDLP DIODES-BC847CDLP_15 Datasheet
204Kb / 6P
45V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 7
More results

Similar Description - BC847CDLP-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXT2222A CENTRAL-CMXT2222A Datasheet
106Kb / 2P
SURFACE MOUNT DUAL NPN SILICON TRANSISTOR
CMXT3904 CENTRAL-CMXT3904 Datasheet
98Kb / 2P
SURFACE MOUNT DUAL NPN SILIOCON TRANSISTOR
logo
List of Unclassifed Man...
2N5794U ETC-2N5794U Datasheet
185Kb / 2P
SURFACE MOUNT DUAL NPN TRANSISTOR
logo
Diodes Incorporated
DST3904DJ DIODES-DST3904DJ Datasheet
131Kb / 6P
40V DUAL NPN SURFACE MOUNT TRANSISTOR
DS32038 Rev. 2 - 2
DN0150ADJ DIODES-DN0150ADJ Datasheet
89Kb / 4P
DUAL NPN SURFACE MOUNT TRANSISTOR
DS31484 Rev. 3 - 2
DST3904DJ DIODES-DST3904DJ_15 Datasheet
131Kb / 6P
40V DUAL NPN SURFACE MOUNT TRANSISTOR
Rev 2
DN0150ADJ DIODES-DN0150ADJ_15 Datasheet
89Kb / 4P
DUAL NPN SURFACE MOUNT TRANSISTOR
Rev 3
logo
Central Semiconductor C...
CMLT2222A CENTRAL-CMLT2222A_15 Datasheet
512Kb / 3P
SURFACE MOUNT SILICON DUAL NPN TRANSISTOR
CMLT8099 CENTRAL-CMLT8099_15 Datasheet
512Kb / 3P
SURFACE MOUNT SILICON DUAL NPN TRANSISTOR
logo
TT Electronics.
2N5794U TTELEC-2N5794U Datasheet
487Kb / 3P
Surface Mount Dual NPN Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com