Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847CDLP-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC847CDLP-7
Description  NPN DUAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847CDLP-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  BC847CDLP-7 Datasheet HTML 1Page - Diodes Incorporated BC847CDLP-7 Datasheet HTML 2Page - Diodes Incorporated BC847CDLP-7 Datasheet HTML 3Page - Diodes Incorporated BC847CDLP-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30817 Rev. 6 - 2
3 of 4
www.diodes.com
BC847CDLP
© Diodes Incorporated
0
200
400
600
800
1000
1200
1400
0.1
10
1100
I , COLLECTOR CURRENT (mA)
Fig. 3, Typical DC Current Gain vs. Collector Current
C
V= 5V
CE
T= -55°C
A
T= 85°C
A
T = 150°C
A
T= 25°C
A
110
100
I , COLLECTOR CURRENT (mA)
C
0.00
0.05
0.10
0.15
0.20
0.25
0.1
0.01
Fig. 4, Typical Collector Emitter Saturation Voltage
vs. Collector Current
110
100
I , COLLECTOR CURRENT (mA)
C
0.0
0.1
0.01
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Fig. 5, Typical Base Emitter Turn-On Voltage
vs. Collector Current
110
100
I , COLLECTOR CURRENT (mA)
C
0.0
0.1
0.01
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 6, Typical Base Emitter Saturation Voltage
vs. Collector Current
V , REVERSE VOLTAGE (V)
Fig. 7, Typical Capacitance Characteristics
R
0
2
4
6
8
10
12
14
0
5
10
15
20
25
f = 1MHz
I , COLLECTOR CURRENT (mA)
Fig. 8, Typical Gain-Bandwidth Product vs. Collector Current
C
0
0
50
100
150
200
250
300
10
20
30
40
50
60
70



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com