Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD6V8LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TPD6V8LP
Description  85W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TPD6V8LP Datasheet(HTML) 1 Page - Diodes Incorporated

  TPD6V8LP Datasheet HTML 1Page - Diodes Incorporated TPD6V8LP Datasheet HTML 2Page - Diodes Incorporated TPD6V8LP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPD6V8LP
Document number: DS30914 Rev. 6 - 2
1 of 3
www.diodes.com
July 2008
© Diodes Incorporated
TPD6V8LP
85W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Features
•
Planar Die Construction
•
Ultra-Small Leadless Surface Mount Package
•
Unidirectional
•
Ideally Suited for Automated Assembly Processes
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: DFN1006-2
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminal Connections: Cathode Dot
•
Terminals: Finish
⎯ NiPdAu over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.001 grams (approximate)
Bottom View
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power (tp = 8 x 20
μs) (Note 4)
(See figure 6)
Ppk
85
W
Forward Voltage (Note 3)
@ IF = 10mA
VF
0.9
V
Peak Pulse Current (tp = 8 x 20
μs) (Note 4)
(See figure 6)
Ipp
4.5
A
Human Body Model
8
kV
Machine Model
400
V
IEC61000-4-2 Air Discharge
25
kV
ESD Rating
IEC61000-4-2 Contact Discharge
Vpp
8
kV
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
250
mW
Thermal Resistance, Junction to Ambient Air (Note 4)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Reverse Standoff Voltage
VRWM
5
V
Minimum
6.4
Breakdown Voltage @ IT = 5mA (Note 3)
Maximum
VBR
7.2
V
Maximum Reverse Leakage @ VRWM
(Note 3)
IR
0.5
μA
Maximum Clamping Voltage @ Ipp = 4.5A (tp = 8x20μs)
(See figure 6)
VC
19
V
Typical Total Capacitance (VR = 0V, f = 1MHz)
CT
65
pF
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Short duration pulse test used to minimize self-heating effect.
4. Part mounted on FR-4 PC board with recommended pad layout, as per http://www.diodes.com/datasheets/ap02001.pdf.
Please click here to visit our online spice models database.


Similar Part No. - TPD6V8LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TPD6V8LP DIODES-TPD6V8LP Datasheet
73Kb / 3P
SURFACE MOUNT ZENER DIODE
DS30914 Rev. 2 - 2
TPD6V8LP-7 DIODES-TPD6V8LP-7 Datasheet
73Kb / 3P
SURFACE MOUNT ZENER DIODE
DS30914 Rev. 2 - 2
More results

Similar Description - TPD6V8LP

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com