Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD6V8LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # TPD6V8LP
Description  85W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TPD6V8LP Datasheet(HTML) 2 Page - Diodes Incorporated

  TPD6V8LP Datasheet HTML 1Page - Diodes Incorporated TPD6V8LP Datasheet HTML 2Page - Diodes Incorporated TPD6V8LP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPD6V8LP
0
50
100
0
2550
75100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
150
200
250
300
Note 4
0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2
F
Typical Forward Characteristics
0.6
0.3
0.9
1.2
1.5
10
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Breakdown Characteristics
R
T = 25°C
A
T = 0°C
A
T = 85°C
A
T = -65°C
A
T = 150°C
A
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 4 Typical Low Current Reverse Characteristics
R
1
V , REVERSE VOLTAGE (V)
Fig. 5 Typical Total Capacitance vs. Reverse Voltage
R
f = 1MHz
TPD6V8LP
Document number: DS30914 Rev. 6 - 2
2 of 3
www.diodes.com
July 2008
© Diodes Incorporated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com