Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3150L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3150L
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3150L Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3150L Datasheet HTML 1Page - Diodes Incorporated DMN3150L Datasheet HTML 2Page - Diodes Incorporated DMN3150L Datasheet HTML 3Page - Diodes Incorporated DMN3150L Datasheet HTML 4Page - Diodes Incorporated DMN3150L Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMN3150L
Document number: DS31126 Rev. 8 - 2
2 of 5
www.diodes.com
August 2009
© Diodes Incorporated
DMN3150L
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Drain-Source Breakdown Voltage
BVDSS
30
⎯
⎯
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
800
nA
VDS = 28V, VGS = 0V
Gate-Body Leakage
IGSS
⎯
⎯
±80
±800
nA
VGS = ±12V, VDS = 0V
VGS = ±19V, VDS = 0V
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(th)
0.62
0.92
1.4
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
39
52
90
54
72
115
m
Ω
VGS = 10V, ID = 3.8A
VGS = 4.5V, ID = 3.6A
VGS = 2.5V, ID = 3.1A
Forward Transconductance
|Yfs|
⎯
3
⎯
S
VDS = 5V, ID = 3.1A
Source-Drain Diode Forward Voltage
VSD
⎯
⎯
1.16
V
VGS = 0V, IS = 2.0A
DYNAMIC CHARACTERISTICS
Gate Resistance
Rg
-
4.17
-
Ω
VDS =0V, VGS = 0V,
f = 1MHz
Total Gate Charge (10V)
Qg
-
8.2
-
nC
VGS = 10 V, VDS = 10V,
ID = 3.8 A
Total Gate Charge (4.5V)
Qg
-
3.7
-
nC
VGS =4.5 V, VDS = 10V,
ID = 3.8 A
Gate-Source Charge
Qgs
-
0.7
-
nC
Gate-Drain Charge
Qgd
-
1.1
-
nC
Turn-On Delay Time
tD(on)
-
1.14
-
ns
VDD = 15V, VGEN = 10V,
RGEN = 6Ω, RL = 3.9Ω
Turn-On Rise Time
tr
-
3.49
-
ns
Turn-Off Delay Time
tD(off)
-
15.02
-
ns
Turn-Off Fall Time
tf
-
3.26
-
ns
Input Capacitance
Ciss
⎯
305
⎯
pF
VDS = 5V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
74
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
48
⎯
pF
Notes:
1. Device mounted on FR-4 PCB. t
≤5 sec.
2. No purposefully added lead.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Short duration pulse test used to minimize self-heating effect.
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 Typical Output Characteristics
DS
V
, GATE-SOURCE VOLTAGE (V)
Fig. 2 Typical Transfer Characteristics
GS
V
= 5V
Pulsed
DS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com