Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3150L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3150L
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3150L Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3150L Datasheet HTML 1Page - Diodes Incorporated DMN3150L Datasheet HTML 2Page - Diodes Incorporated DMN3150L Datasheet HTML 3Page - Diodes Incorporated DMN3150L Datasheet HTML 4Page - Diodes Incorporated DMN3150L Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DMN3150L
Document number: DS31126 Rev. 8 - 2
3 of 5
www.diodes.com
August 2009
© Diodes Incorporated
DMN3150L
V
= 4.5V
GS
V
= 10V
GS
I , DRAIN CURRENT (A)
Fig. 3
D
On-Resistance vs. Drain Current and Gate Voltage
V
= 2.5V
GS
Fig. 4 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
C
iss
C
oss
Crss
f = 1 MHz
T = 25°C
A
T , AMBIENT TEMPERATURE (C)
A
Fig. 6 Normalized Static Drain-Source On-Resistance
vs. Ambient Temperature
V
= 10V
I = 6A
GS
D
V
= 2.5V
I = 2A
GS
D
V
= 4.5V
I = 3A
GS
D
Fig. 8 Gate-Source Voltage vs. Total Gate Charge
0
2
4
6
8
10
02
4
6
8
10
Q , TOTAL GATE CHARGE (nC)
g
V
= 10V
I = 3.8A
DS
D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com