Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3115UDM Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3115UDM
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3115UDM Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3115UDM Datasheet HTML 1Page - Diodes Incorporated DMN3115UDM Datasheet HTML 2Page - Diodes Incorporated DMN3115UDM Datasheet HTML 3Page - Diodes Incorporated DMN3115UDM Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DMN3115UDM
Document number: DS31187 Rev. 6 - 2
2 of 4
www.diodes.com
May 2010
© Diodes Incorporated
DMN3115UDM
0
1
2
3
4
5
6
7
8
9
10
Fig. 2 Typical Transfer Characteristics
V
, GATE SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= 5V
Pulsed
DS
0
1
2
3
4
5
6
7
8
9
10
0.5
1
1.5
2
0
Fig. 3 On-Resistance vs. Drain Current & Gate Voltage
0.01
0.1
1
0.01
0.1
1
10
I , DRAIN-SOURCE CURRENT (A)
D
V
= 2.5V
GS
V
= 1.5V
GS
V
= 4.5V
GS
0.6
0.7
0.8
0.9
1.1
1.2
1.3
1.4
1.5
1.6
1.0
Fig. 5 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
I = 250µA
D
0
5
10
15
20
25
30
Fig. 6 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
C
iss
Coss
C
rss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com