Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3115UDM Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3115UDM
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3115UDM Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3115UDM Datasheet HTML 1Page - Diodes Incorporated DMN3115UDM Datasheet HTML 2Page - Diodes Incorporated DMN3115UDM Datasheet HTML 3Page - Diodes Incorporated DMN3115UDM Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DMN3115UDM
Document number: DS31187 Rev. 6 - 2
3 of 4
www.diodes.com
May 2010
© Diodes Incorporated
DMN3115UDM
Fig. 7 Reverse Drain Current vs. Source-Drain Voltage
0.0001
0.001
0.01
0.1
1
10
V
, SOURCE-DRAIN VOLTAGE (V)
SD
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
0.1 0.2 0.3 0.4 0.5
0.6 0.7 0.8 0.9
1
Ordering Information (Note 5)
Part Number
Case
Packaging
DMN3115UDM-7
SOT-26
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
SOT-26
Dim
Min
Max
Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D
⎯
⎯
0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
α
0°
8°
⎯
All Dimensions in mm
3N1 = Marking Code
YM = Date Code Marking
Y = Year (ex: U = 2007)
M = Month (ex: 9 = September)
A
M
J
L
D
B C
H
K
3N1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com