Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNLS350E Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DNLS350E
Description  LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DNLS350E Datasheet(HTML) 2 Page - Diodes Incorporated

  DNLS350E Datasheet HTML 1Page - Diodes Incorporated DNLS350E Datasheet HTML 2Page - Diodes Incorporated DNLS350E Datasheet HTML 3Page - Diodes Incorporated DNLS350E Datasheet HTML 4Page - Diodes Incorporated DNLS350E Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DNLS350E
Document number: DS31231 Rev. 3 - 2
2 of 5
www.diodes.com
April 2009
© Diodes Incorporated
DNLS350E
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
OFF CHARACTERISTICS
Collector-Base Cutoff Current
ICBO
⎯
⎯
100
nA
VCB = 50V, IE = 0
⎯
⎯
50
μA
VCB = 50V, IE = 0, TA = 150°C
Emitter-Base Cutoff Current
IEBO
⎯
⎯
100
nA
VEB = 5V, IC = 0
Collector-Base Breakdown Voltage
V(BR)CBO
50
⎯
⎯
V
IC = 100μA
Collector-Emitter Breakdown Voltage (Note 5)
V(BR)CEO
50
⎯
⎯
V
IC = 10mA
Emitter-Base Breakdown Voltage
V(BR)EBO
5
⎯
⎯
V
IE = 100μA
ON CHARACTERISTICS (Note 5)
DC Current Gain
hFE
200
⎯
⎯
⎯
VCE = 2V, IC = 0.5A
200
⎯
⎯
VCE = 2V, IC = 1A
100
⎯
⎯
VCE = 2V, IC = 2A
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
⎯
90
mV
IC = 0.5A, IB = 50mA
⎯
⎯
170
IC = 1A, IB = 50mA
⎯
⎯
290
IC = 2A, IB = 200mA
Equivalent On-Resistance
RCE(SAT)
⎯
62
145
m
Ω IE = 2A, IB = 200mA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
⎯
1.2
V
IC = 2A, IB = 200mA
Base-Emitter Turn-on Voltage
VBE(ON)
⎯
⎯
1.1
V
VCE = 2V, IC = 1A
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
100
⎯
⎯
MHz
VCE = 5V, IC = 100mA,
f = 100MHz
Output Capacitance
Cobo
⎯
⎯
30
pF
VCB = 10V, f = 1MHz
Notes:
5. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
0
0.4
0.8
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Max Power Dissipation vs. Ambient Temperature
A
1.2
1.6
2.0
0
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current vs. Collector-Emitter Voltage
I = 2mA
B
I = 4mA
B
I = 6mA
B
I = 8mA
B
I = 10mA
B
0
0.5
1.0
1.5
2.0
2.5
3.0
01
2
3
4
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com