Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNLS350E Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DNLS350E
Description  LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DNLS350E Datasheet(HTML) 3 Page - Diodes Incorporated

  DNLS350E Datasheet HTML 1Page - Diodes Incorporated DNLS350E Datasheet HTML 2Page - Diodes Incorporated DNLS350E Datasheet HTML 3Page - Diodes Incorporated DNLS350E Datasheet HTML 4Page - Diodes Incorporated DNLS350E Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DNLS350E
Document number: DS31231 Rev. 3 - 2
3 of 5
www.diodes.com
April 2009
© Diodes Incorporated
DNLS350E
100
200
300
400
500
600
700
0.001
0.01
0.1
1
10
0
0
0.05
0.1
0.15
0.2
0.25
0.3
I , COLLECTOR CURRENT (A)
C
Fig. 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
I , COLLECTOR CURRENT (A)
C
Fig. 5 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1.0
1.2
I , COLLECTOR CURRENT (A)
C
Fig. 6 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0.0001
0.001
0.01
0.1
1
10
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Output Capacitance Characteristics
10
100
0.01
0.1
1
f = 1MHz
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Gain-Bandwidth Product vs. Collector Current
0
30
60
90
120
150
180
210
240
020
40
60
80
100
V
= 5V
f = 100MHz
CE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com