Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DA1774QLP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2DA1774QLP
Description  40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1774QLP Datasheet(HTML) 2 Page - Diodes Incorporated

  2DA1774QLP Datasheet HTML 1Page - Diodes Incorporated 2DA1774QLP Datasheet HTML 2Page - Diodes Incorporated 2DA1774QLP Datasheet HTML 3Page - Diodes Incorporated 2DA1774QLP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2DA1774QLP
Document number: DS31438 Rev. 4 - 2
2 of 4
www.diodes.com
January 2011
© Diodes Incorporated
2DA1774QLP
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation @TA = 25°C (Note 4)
PD
250
mW
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 4)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
V(BR)CBO
-50
V
IC = -50μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-40
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
V
IE = -50μA, IC = 0
Collector Cutoff Current
ICBO
-100
-5
nA
μA
VCB = -30V
VCB = -30V, TA = 150°C
Emitter Cutoff Current
IEBO
-100
nA
VEB = -4.0V
ON CHARACTERISTICS (Note 5)
DC Current Gain
hFE
120
270
VCE = -6.0V, IC = -1.0mA
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.2
V
IC = -50mA, IB = -5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
5.0
pF
VCB = -12V, f = 1.0MHz, IE = 0
Current Gain-Bandwidth Product
fT
100
MHz
VCE = -12V, IC = -2.0mA,
f = 100MHz
Notes:
4. Part mounted on FR-4 PCB with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
5. Short duration pulse test used to minimize self-heating effect.
0
50
100
0
2550
75100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
150
200
250
300
R
= 500 C/W
θJA
°
Fig. 2 Typical Collector Current
vs. Collector-Emitter Voltage
01
2
3
4
5
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
0
20
40
60
80
100
I = -0.1mA
B
I = -0.2mA
B
I = -0.3mA
B
I = -0.4mA
B
I = -0.5mA
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com