Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DA1774QLP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DA1774QLP
Description  40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1774QLP Datasheet(HTML) 1 Page - Diodes Incorporated

  2DA1774QLP Datasheet HTML 1Page - Diodes Incorporated 2DA1774QLP Datasheet HTML 2Page - Diodes Incorporated 2DA1774QLP Datasheet HTML 3Page - Diodes Incorporated 2DA1774QLP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2DA1774QLP
Document number: DS31438 Rev. 4 - 2
1 of 4
www.diodes.com
January 2011
© Diodes Incorporated
2DA1774QLP
40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
•
Ultra-Small Leadless Surface Mount Package
•
Complementary NPN Type Available (2DC4617QLP)
•
“Lead Free”, RoHS Compliant (Note 1)
•
Halogen and Antimony Free, "Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: DFN1006-3
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish
⎯ NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
•
Weight: 0.0008 grams (approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
2DA1774QLP-7
8A
7
8
3,000
2DA1774QLP-7B
8A
7
8
10,000
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Bottom View
Top View
Device Schematic
8A = Product Type Marking Code
8A
DFN1006-3
Device Symbol
C
E
B
C
E
B
8A
Top View
Dot Denotes Collector Side
2DA1774QLP-7
Top View
Bar Denotes Base and Emitter Side
2DA1774QLP-7B


Similar Part No. - 2DA1774QLP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1774QLP DIODES-2DA1774QLP_15 Datasheet
355Kb / 5P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 5
More results

Similar Description - 2DA1774QLP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
MMBT3906LP DIODES-MMBT3906LP Datasheet
162Kb / 5P
40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
MMBT3904-13-F DIODES-MMBT3904-13-F Datasheet
132Kb / 7P
40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 20
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Rev 11
MMBT2222ALP4 DIODES-MMBT2222ALP4 Datasheet
155Kb / 7P
40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
MMBT2222ALP4 DIODES-MMBT2222ALP4_15 Datasheet
155Kb / 7P
40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
MMBT3906 DIODES-MMBT3906_17 Datasheet
380Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR
Rev 20
MMBT3906T DIODES-MMBT3906T_16 Datasheet
428Kb / 6P
40V PNP SMALL SIGNAL TRANSISTOR
Rev 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com