Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP3098LSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3098LSD
Description  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3098LSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3098LSD Datasheet HTML 1Page - Diodes Incorporated DMP3098LSD Datasheet HTML 2Page - Diodes Incorporated DMP3098LSD Datasheet HTML 3Page - Diodes Incorporated DMP3098LSD Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DMP3098LSD
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-30
⎯
⎯
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
-1
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-1
1.7
-2.1
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
56
98
65
115
m
Ω
VGS = -10V, ID = -5.0A
VGS = -4.5V, ID = -4.0A
Forward Transconductance
gfs
⎯
5.2
⎯
S
VDS = -10V, ID = -5.0A
Diode Forward Voltage (Note 5)
VSD
-0.5
⎯
-1.2
V
VGS = 0V, IS = -2.6A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
336
⎯
pF
Output Capacitance
Coss
⎯
70
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
49
⎯
pF
VDS = -25V, VGS = 0V
f = 1.0MHz
Gate Resistance
RG
⎯
4.6
⎯
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
SWITCHING CHARACTERISTICS
Total Gate Charge
Qg
⎯
4.0
7.8
⎯
VDS = -15V, VGS = -4.5V,ID = -5.0A
VDS = -15V, VGS = -10V,ID = -5.0A
Gate-Source Charge
Qgs
⎯
1.0
⎯
VDS = -15V, VGS = -4.5V,ID = -5.0A
Gate-Drain Charge
Qgd
⎯
2.5
⎯
nC
VDS = -15V, VGS = -4.5V,ID = -5.0A
Turn-On Delay Time
td(on)
⎯
6.0
⎯
Rise Time
tr
⎯
5.0
⎯
Turn-Off Delay Time
td(off)
⎯
17.6
⎯
Fall Time
tf
⎯
9.5
⎯
ns
VDS = -15V, VGS = -10V,
ID = -1A, RG = 6.0Ω
Notes:
5. Short duration pulse test used to minimize self-heating effect.
Fig. 1 Typical Output Characteristics
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
4
8
12
16
20
01
2
3
4
5
V
= -2.5V
GS
V
= -4.5V
GS
V
= -10V
GS
V
= -1.5V
GS
V
= -3.0V
GS
Fig. 2 Typical Transfer Characteristics
-V
, GATE SOURCE VOLTAGE (V)
GS
0
4
8
12
16
20
12
3
4
5
6
V
= -5V
DS
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
DMP3098LSD
Document number: DS31448 Rev. 3 - 2
2 of 4
www.diodes.com
October 2008
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com