Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP3098LSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP3098LSD
Description  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3098LSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP3098LSD Datasheet HTML 1Page - Diodes Incorporated DMP3098LSD Datasheet HTML 2Page - Diodes Incorporated DMP3098LSD Datasheet HTML 3Page - Diodes Incorporated DMP3098LSD Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DMP3098LSD
Ordering Information (Note 6)
Part Number
Case
Packaging
DMP3098LSD-13
SOP-8L
2500/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Top View
Logo
Part no.
Year : "07" =2007
"08" =2008
Xth week: 01~52
1
4
8
5
P3098LD
YY WW
Package Outline Dimensions
DMP3098LSD
Document number: DS31448 Rev. 3 - 2
4 of 4
www.diodes.com
October 2008
© Diodes Incorporated
Suggested Pad Layout
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
SOP-8L
Dim
Min
Max
A
-
1.75
A1
0.08
0.25
A2
1.30
1.50
A3
0.20 Typ.
b
0.3
0.5
D
4.80
5.30
E
5.79
6.20
E1
3.70
4.10
e
1.27 Typ.
h
-
0.35
L
0.38
1.27
θ
0
°
8
°
All Dimensions in mm
GAUGE PLANE
SEATING PLANE
DETAIL A
DETAIL A
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
X
C1
C2
Y
Dimensions
Value (in mm)
X
0.60
Y
1.55
C1
5.4
C2
1.27



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com