Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2BA Datasheet(PDF) 1 Page - Diotech Company.

Part # ES2BA
Description  SURFACE MOUNT SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

ES2BA Datasheet(HTML) 1 Page - Diotech Company.

  ES2BA Datasheet HTML 1Page - Diotech Company. ES2BA Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES2AA THRU ES2JA
SURFACE MOUNT SUPER FAST RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 2.0 Ampere
FEATURES
●
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
●
For surface mounted applications
●
Super fast switching for high efficiency
●
Low reverse leakage
●
Built-in strain relief,ideal for automated placement
●
High forward surge current capability
●
High temperature soldering guaranteed:
250℃/10 seconds at terminals
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Characteristic
Symbol
ES2AA
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
@TC = 100°C
IO
2.0
Non-Repetitive Peak Forward Surge
Current 8.3ms Single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 2.0A
VFM
0.95
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 100°C
IRM
10
350
µA
Reverse Recovery Time (Note 1)
trr
nS
Typical Junction Capacitance (Note 2)
Cj
25
20
pF
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
ES2BA ES2CA ES2DA ES2EA ES2GA ES2JA
A
35
Dimensions in inches and (millimeters)
SMA(DO-214AC)
.055(1.40)
.062(1.90)
.114(2.90)
.098(2.50)
.181(4.60)
.157(4.00)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.208(5.60)
.188(4.80)
.079(2.00)
.103(3.00)
.060(1.52)
.030(0.76)
Case: JEDEC DO-214AC molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.003 ounce, 0.093 grams
MECHANICAL DATA


Similar Part No. - ES2BA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES2BA DIODES-ES2BA Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Taiwan Semiconductor Co...
ES2BA TSC-ES2BA Datasheet
54Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
ES2BA TSC-ES2BA Datasheet
134Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
ES2BA BILIN-ES2BA Datasheet
70Kb / 2P
SURFACE MOUNT RECTIFIER
logo
GOOD-ARK Electronics
ES2BA GOOD-ARK-ES2BA Datasheet
149Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
More results

Similar Description - ES2BA

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com